Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS8650A Datasheet(PDF) 4 Page - ams AG

Part # AS8650A
Description  High-efficient Power Management Device with High-speed CAN Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650A Datasheet(HTML) 4 Page - ams AG

  AS8650A Datasheet HTML 1Page - ams AG AS8650A Datasheet HTML 2Page - ams AG AS8650A Datasheet HTML 3Page - ams AG AS8650A Datasheet HTML 4Page - ams AG AS8650A Datasheet HTML 5Page - ams AG AS8650A Datasheet HTML 6Page - ams AG AS8650A Datasheet HTML 7Page - ams AG AS8650A Datasheet HTML 8Page - ams AG AS8650A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 2.0
4 - 46
AS8650A
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin
Pin Name
Pin Type
Description
1, 2, 3
VSUP
Power Supply Input
Power Supply
4
GND_DCDC
5GND
6
WAKE
Analog Input / Output high-voltage
Local wake request (high-voltage input)
7CANH
High level CAN bus line
8CANL
Low level CAN bus line
9
GND_CAN
Power Supply Input
Power supply
10
SPLIT
Analog Input / Output high-voltage Common-mode stabilization output
WAKE
CANH
CANL
VSUP
AS8650A
27
26
25
24
23
22
21
20
19
30
29
28
36
35
34
33
32
31
QFN 6x6x0.9
1
2
3
4
5
6
7
8
9
16
17
18
10
11
12
13
14
15
VLDO1
VLDO2
RESET
GND
(Exposed pad)
RESERVED
RESERVED
RESERVED
VLDO3FB
VSUP
VSUP
GND_CAN
VLDO2FB
VLDO1FB
GND_DCDC
GND


Similar Part No. - AS8650A

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8650 AMSCO-AS8650 Datasheet
1Mb / 46P
   High-efficient Power Management Device with High-speed CAN Interface
AS8650B AMSCO-AS8650B Datasheet
589Kb / 47P
   High-efficient Power Management Device with High-speed CAN Interface
AS8650B-ZQFM-01 AMSCO-AS8650B-ZQFM-01 Datasheet
589Kb / 47P
   High-efficient Power Management Device with High-speed CAN Interface
AS8650B-ZQFP-01 AMSCO-AS8650B-ZQFP-01 Datasheet
589Kb / 47P
   High-efficient Power Management Device with High-speed CAN Interface
More results

Similar Description - AS8650A

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8650B AMSCO-AS8650B Datasheet
589Kb / 47P
   High-efficient Power Management Device with High-speed CAN Interface
AS8650 AMSCO-AS8650 Datasheet
1Mb / 46P
   High-efficient Power Management Device with High-speed CAN Interface
logo
STMicroelectronics
L99PM62XP STMICROELECTRONICS-L99PM62XP Datasheet
1Mb / 98P
   Power management IC with LIN and high speed CAN
logo
Texas Instruments
LM5056 TI-LM5056 Datasheet
1Mb / 46P
[Old version datasheet]   High-Voltage System Power Management Device with PMBus?
logo
Maxim Integrated Produc...
MAX13041 MAXIM-MAX13041_08 Datasheet
207Kb / 20P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 2; 12/08
MAX13041 MAXIM-MAX13041 Datasheet
275Kb / 21P
   ±80V Fault-Protected High-Speed CAN Transceiver with Low-Power Management and Wake-On CAN
Rev 1; 11/07
logo
Freescale Semiconductor...
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com