Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM67H618BFN9 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCM67H618BFN9
Description  64K x 18 Bit BurstRAM Synchronous Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM67H618BFN9 Datasheet(HTML) 5 Page - Motorola, Inc

  MCM67H618BFN9 Datasheet HTML 1Page - Motorola, Inc MCM67H618BFN9 Datasheet HTML 2Page - Motorola, Inc MCM67H618BFN9 Datasheet HTML 3Page - Motorola, Inc MCM67H618BFN9 Datasheet HTML 4Page - Motorola, Inc MCM67H618BFN9 Datasheet HTML 5Page - Motorola, Inc MCM67H618BFN9 Datasheet HTML 6Page - Motorola, Inc MCM67H618BFN9 Datasheet HTML 7Page - Motorola, Inc MCM67H618BFN9 Datasheet HTML 8Page - Motorola, Inc MCM67H618BFN9 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MCM67H618B
5
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 5%, TA = 0 to + 70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
3 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
See Figure 1 Unless Otherwise Noted
. . . . . . . . . . . . . .
READ/WRITE CYCLE TIMING (See Notes 1, 2, 3, and 4)
P
Sb l
MCM67H618B–9
MCM67H618B–10
MCM67H618B–12
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Cycle Time
tKHKH
15
16.6
20
ns
Clock Access Time
tKHQV
9
10
12
ns
5
Output Enable to Output Valid
tGLQV
5
5
6
ns
Clock High to Output Active
tKHQX1
6
6
6
ns
Clock High to Output Change
tKHQX2
3
3
3
ns
Output Enable to Output Active
tGLQX
0
0
0
ns
Output Disable to Q High–Z
tGHQZ
6
7
7
ns
6
Clock High to Q High–Z
tKHQZ
3
6
3
7
3
7
ns
Clock High Pulse Width
tKHKL
5
5
6
ns
Clock Low Pulse Width
tKLKH
5
5
6
ns
Setup Times:
Address
Address Status
Data In
Write
Address Advance
Chip Enable
tAVKH
tADSVKH
tDVKH
tWVKH
tADVVKH
tEVKH
2.5
2.5
2.5
ns
7
Hold Times:
Address
Address Status
Data In
Write
Address Advance
Chip Enable
tKHAX
tKHADSX
tKHDX
tKHWX
tKHADVX
tKHEX
0.5
0.5
0.5
ns
7
NOTES:
1. In setup and hold times, W (write) refers to either one or both byte write enables LW and UW.
2. A read cycle is defined by UW and LW high or ADSP low for the setup and hold times. A write cycle is defined by LW or UW low and ADSP
high for the setup and hold times.
3. All read and write cycle timings are referenced from K or G.
4. G is a don’t care when UW or LW is sampled low.
5. Maximum access times are guaranteed for all possible i486 and Pentium external bus cycles.
6. Transition is measured
± 500 mV from steady–state voltage. This parameter is sampled rather than 100% tested. At any given voltage and
temperature, tKHQZ max is less than tKHQZ1 min for a given device and from device to device.
7. This is a synchronous device. All addresses must meet the specified setup and hold times for
ALL rising edges of K whenever ADSP
or ADSC is low, and the chip is selected. All other synchronous inputs must meet the specified setup and hold times for
ALL rising
edges of K when the chip is enabled. Chip enable must be asserted at each rising edge of clock for the device (when ADSC is low) to remain
enabled.
Figure 1. Test Load
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V


Similar Part No. - MCM67H618BFN9

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618AFN10 MOTOROLA-MCM67H618AFN10 Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618AFN12 MOTOROLA-MCM67H618AFN12 Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618AFN9 MOTOROLA-MCM67H618AFN9 Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM67H618BFN9

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618A MOTOROLA-MCM67C618A Datasheet
158Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67J618B MOTOROLA-MCM67J618B Datasheet
203Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B618A MOTOROLA-MCM67B618A Datasheet
155Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F618C MOTOROLA-MCM69F618C Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com