Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM67H518FN12 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCM67H518FN12
Description  32K x 18 Bit BurstRAM Synchronous Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM67H518FN12 Datasheet(HTML) 2 Page - Motorola, Inc

  MCM67H518FN12 Datasheet HTML 1Page - Motorola, Inc MCM67H518FN12 Datasheet HTML 2Page - Motorola, Inc MCM67H518FN12 Datasheet HTML 3Page - Motorola, Inc MCM67H518FN12 Datasheet HTML 4Page - Motorola, Inc MCM67H518FN12 Datasheet HTML 5Page - Motorola, Inc MCM67H518FN12 Datasheet HTML 6Page - Motorola, Inc MCM67H518FN12 Datasheet HTML 7Page - Motorola, Inc MCM67H518FN12 Datasheet HTML 8Page - Motorola, Inc MCM67H518FN12 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MCM67H518
2
MOTOROLA FAST SRAM
BLOCK DIAGRAM (See Note)
DQ0 – DQ8
CLR
Q0
Q1
A0
A1
K
ADSC
A0 – A14
E
G
ADDRESS
REGISTER
WRITE
REGISTER
ENABLE
REGISTER
DATA–IN
REGISTERS
OUTPUT
BUFFER
32K x 18
MEMORY
ARRAY
ADV
BURST LOGIC
INTERNAL
ADDRESS
A0
A1
15
9
18
15
2
A2 – A14
A1 – A0
DQ9 – DQ17
9
9
9
9
9
UW
LW
ADSP
NOTE:
All registers are positive–edge triggered. The ADSC or ADSP signals control the duration of the burst and the start of the
next burst. When ADSP and E are sampled low, any ongoing burst is interrupted and a read (independent of W and ADSC)
is performed using the new external address. Alternatively, an ADSP–initiated two cycle WRITE can be performed by as-
serting ADSP, E, and a valid address on the first cycle, then negating both ADSP and ADSC and asserting LW and/or UW
with valid data on the second cycle (see Single Write Cycle in WRITE CYCLES timing diagram). Note that when E and
ADSC are high, ADSP is ignored – the external address is not registered in this case.
When ADSC is sampled low (and ADSP is sampled high), any ongoing burst is interrupted and a read or write (dependent
on W) is performed using the new external address. Chip enable (E) is sampled only when a new base address is loaded.
After the first cycle of the burst, ADV controls subsequent burst cycles. When ADV is sampled low, the internal address
is advanced prior to the operation. When ADV is sampled high, the internal address is not advanced, thus inserting a wait
state into the burst sequence accesses. Upon completion of a burst, the address will wrap around to its initial state. See
BURST SEQUENCE TABLE. Write refers to either or both byte write enables (LW, UW).
BURST SEQUENCE TABLE (See Note)
External Address
A14 – A2
A1
A0
1st Burst Address
A14 – A2
A1
A0
2nd Burst Address
A14 – A2
A1
A0
3rd Burst Address
A14 – A2
A1
A0
NOTE: The burst wraps around to its initial state upon completion.


Similar Part No. - MCM67H518FN12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618AFN10 MOTOROLA-MCM67H618AFN10 Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618AFN12 MOTOROLA-MCM67H618AFN12 Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618AFN9 MOTOROLA-MCM67H618AFN9 Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618B MOTOROLA-MCM67H618B Datasheet
167Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM67H518FN12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67J518 MOTOROLA-MCM67J518 Datasheet
218Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RA
MCM62486B MOTOROLA-MCM62486B Datasheet
197Kb / 12P
   32K x 9 Bit BurstRAM Synchronous Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com