Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1720 Datasheet(PDF) 2 Page - ams AG

Part # AS1720
Description  Solenoid / Valve Dr iver wi th Cur rent Limi tat ion
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1720 Datasheet(HTML) 2 Page - ams AG

  AS1720 Datasheet HTML 1Page - ams AG AS1720 Datasheet HTML 2Page - ams AG AS1720 Datasheet HTML 3Page - ams AG AS1720 Datasheet HTML 4Page - ams AG AS1720 Datasheet HTML 5Page - ams AG AS1720 Datasheet HTML 6Page - ams AG AS1720 Datasheet HTML 7Page - ams AG AS1720 Datasheet HTML 8Page - ams AG AS1720 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.austriamicrosystems.com/Solenoid-Relay-Driver/AS1720
Revision 1.04
2 - 12
AS1720
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Out (Top View)
Pin Description
Table 2. Pin Descriptions
Pin Name
Pin Number
Description
VDDHV
1
Positive supply voltage
VDDA
2
Internal supply of 3.3V (typ.)
DUTY
3
Duty-Cycle. By means of this pin the duty cycle can be adjusted between 20% and 90% during hold
phase. The duty cycle can be adjusted by a voltage source or an external resistor divider. Setting this
pin to VDDA the 50% duty cycle is selected automatically.
OUT
4
Current Source Output
VSS
5
Ground
IE
6
Energize Current. This pin defines the current during energize phase by means of a resistor.
IH
7
Hold Current. This pin defines the current during hold phase by means of a resistor.
ENN
8
Enable Not. This pin can be used to switch on/off the current source (e.g. via a P), when the
AS1720 is always powered on.
Low during start-up: When VDDHV is applied, the device starts with the energise phase, followed by
the hold phase.
When the device is constantly powered on, it can be controlled by this pin.
High: The output current source is switched off.
Low: The device starts with the energise phase, followed by the hold phase.
1
VDDHV
AS1720
2
VDDA
3
DUTY
4
OUT
8 ENN
7 IH
6 IE
5 VSS


Similar Part No. - AS1720

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS172-73 SKYWORKS-AS172-73 Datasheet
49Kb / 2P
   PHEMT GaAs IC Transfer Switch DC-2 GHz
AS172-73 SKYWORKS-AS172-73 Datasheet
199Kb / 4P
   PHEMT GaAs IC Transfer Switch 300 kHz-2 GHz
AS172-73LF SKYWORKS-AS172-73LF Datasheet
199Kb / 4P
   PHEMT GaAs IC Transfer Switch 300 kHz-2 GHz
AS172-73 SKYWORKS-AS172-73_05 Datasheet
199Kb / 4P
   PHEMT GaAs IC Transfer Switch 300 kHz-2 GHz
More results

Similar Description - AS1720

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1123 AMSCO-AS1123 Datasheet
2Mb / 25P
   Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
logo
TEXAS ADVANCED OPTOELEC...
AS1116 TAOS-AS1116 Datasheet
2Mb / 24P
   64 LED Dr iver wi th Detai led Er ror Detect ion
logo
ams AG
AS1116 AMSCO-AS1116_12 Datasheet
2Mb / 24P
   64 LED Dr iver wi th Detai led Er ror Detect ion
AS1130 AMSCO-AS1130 Datasheet
5Mb / 39P
   132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
AS1112 AMSCO-AS1112_12 Datasheet
1Mb / 20P
   16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
TEXAS ADVANCED OPTOELEC...
AS1112 TAOS-AS1112 Datasheet
1Mb / 20P
   16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
logo
ams AG
AS1122 AMSCO-AS1122 Datasheet
4Mb / 23P
   12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
AS1118 AMSCO-AS1118 Datasheet
1Mb / 21P
   64 LED Dr iver for Mobi le Appl ications wi th Er ror Detect ion
logo
Infineon Technologies A...
ICE3AR0680JZ INFINEON-ICE3AR0680JZ Datasheet
2Mb / 34P
   Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
Version 2.1a, 11 Jan 2012
logo
ams AG
AS1115 AMSCO-AS1115_12 Datasheet
3Mb / 26P
   64 LEDs, IC Inter faced LED Dr iver wi th Keyscan
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com