Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1160 Datasheet(PDF) 4 Page - ams AG

Part # AS1160
Description  20MHz - 66MHz, 10-Bit Bus, IEEE 1149.1 (JTAG) Compliant LVDS Serializer/Deserializer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1160 Datasheet(HTML) 4 Page - ams AG

  AS1160 Datasheet HTML 1Page - ams AG AS1160 Datasheet HTML 2Page - ams AG AS1160 Datasheet HTML 3Page - ams AG AS1160 Datasheet HTML 4Page - ams AG AS1160 Datasheet HTML 5Page - ams AG AS1160 Datasheet HTML 6Page - ams AG AS1160 Datasheet HTML 7Page - ams AG AS1160 Datasheet HTML 8Page - ams AG AS1160 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1160_61
Revision 1.01
4 - 29
AS1160/AS1161
Datasheet - P i n o u t
Figure 3. AS1161 Pin Assignments (Top View)
Table 2. AS1161 Pin Descriptions
Pin Number
Pin Name
Description
See Figure 3
ROUT0:ROUT9 Data Output. ±4mA CMOS level outputs.
RCKR/FN
Recovered Clock Rising/Falling Strobe Select. LVTTL level input. Selects RCLK
active edge for strobing of ROUT0:ROUT9 data.
1 = Rising edge.
0 = Falling edge.
REFCLK
Reference Clock Input. LVTTL level input. Input for 20MHz - 66MHz system clock.
RI+
+ Serial Data Input. Non-inverting Bus LVDS differential input.
RI-
- Serial Data Input. Inverting Bus LVDS differential input.
PWDNN
Powerdown. LVTTL level input. Driving this pin low shuts down the PLL, tri-states
the outputs and puts the device into low power sleep mode.
LOCKN
Lock. CMOS level output. This signal goes low when the deserializer PLL locks onto
the embedded clock edge.
RCLK
Recovered Clock. CMOS level output. Parallel data rate clock recovered from
embedded clock. Used to strobe ROUT0:ROUT9.
REN
Output Enable. LVTTL level input. If REN is set to logic low ROUT0:ROUT9 and RCLK
are in tri-state condition.
DVDD
+3.0V to +3.6V Digital Circuit Power Supply. This is the supply for all digital
circuitry.
DGND
Digital Circuit Ground
AVDD
+3.0V to +3.6V Analog Power Supply (PLL and Analog Circuits). AVDD and DVDD
should be at the same potential and must not be more than 0.3V apart even on
transient basis. Both supplys should be decoupled by a capacitor of typically 10nF.
AGND
Analog Ground (PLL and Analog Circuits).
TDI
IEEE 1149.1 Test Data Input
TDO
IEEE 1149.1 Test Data Output
TMS
IEEE 1149.1 Test Mode Select Input
TCK
IEEE 1149.1 Test Clock Input
TRSTN
IEEE 1149.1 Test Reset Input
N/C
No Connection. Leave open-circuit, do not connect these pins.
A1
DGND
A2
N/C
A3
REFCLK
A4
AGND
A5
ROUT1
A6
DGND
A7
DVDD
B1
AVDD
B2
AGND
B3
RCKR/FN
B4
ROUT2
B5
DGND
B6
ROUT3
B7
DVDD
C1
RI-
C2
AVDD
C3
N/C
C4
ROUT0
C5
DVDD
C6
DVDD
C7
ROUT4
D1
REN
D2
RI+
D3
PWDNN
D4
N/C
D5
DVDD
D6
ROUT5
D7
DGND
E1
LOCKN
E2
RCLK
E3
N/C
E4
DGND
E5
TCK
E6
TRSTN
E7
DGND
F1
AVDD
F2
AVDD
F3
AGND
F4
AGND
F5
ROUT8
F6
TDI
F7
ROUT6
G1
AVDD
G2
AGND
G3
DGND
G4
ROUT9
G5
ROUT7
G6
TDO
G7
TMS


Similar Part No. - AS1160

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
AS11619 SUMIDA-AS11619 Datasheet
200Kb / 2P
   LF Transmitter Antenna
AS11619-125A SUMIDA-AS11619-125A Datasheet
200Kb / 2P
   LF Transmitter Antenna
AS11619-125B SUMIDA-AS11619-125B Datasheet
200Kb / 2P
   LF Transmitter Antenna
AS11619-125C SUMIDA-AS11619-125C Datasheet
200Kb / 2P
   LF Transmitter Antenna
AS11619-125D SUMIDA-AS11619-125D Datasheet
200Kb / 2P
   LF Transmitter Antenna
More results

Similar Description - AS1160

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN921025 NSC-SCAN921025 Datasheet
474Kb / 21P
   30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
logo
Texas Instruments
SCAN921023 TI1-SCAN921023_13 Datasheet
945Kb / 25P
[Old version datasheet]   SCAN921023 and SCAN921224 20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025 TI1-SCAN921025_13 Datasheet
906Kb / 27P
[Old version datasheet]   SCAN921025 and SCAN921226 30-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Keysight Technologies
N8817A KEYSIGHT-N8817A Datasheet
8Mb / 8P
   JTAG (IEEE 1149.1) Protocol
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
National Semiconductor ...
SCAN921260 NSC-SCAN921260 Datasheet
379Kb / 16P
   X6 1:10 Deserializer with IEEE 1149.1 (JTAG) and at-speed BIST
SCAN921025H NSC-SCAN921025H_05 Datasheet
903Kb / 21P
   High Temperature 20-80 MHz 10 Bit Bus LVDS SerDes with IEEE 1149.1 (JTAG) and at-speed BIST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com