Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1153 Datasheet(PDF) 5 Page - ams AG

Part # AS1153
Description  Dual LVDS Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1153 Datasheet(HTML) 5 Page - ams AG

  AS1153 Datasheet HTML 1Page - ams AG AS1153 Datasheet HTML 2Page - ams AG AS1153 Datasheet HTML 3Page - ams AG AS1153 Datasheet HTML 4Page - ams AG AS1153 Datasheet HTML 5Page - ams AG AS1153 Datasheet HTML 6Page - ams AG AS1153 Datasheet HTML 7Page - ams AG AS1153 Datasheet HTML 8Page - ams AG AS1153 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.austriamicrosystems.com/Interfaces-LVDS/AS1153
Revision 1.02
5 - 16
AS1153, AS1157
Datasheet - Electrical Character i s t ics
AC Electrical Characteristics
VCC = +3.0 to +3.6V, CLOAD = 10pF, Differential Input Voltage |VID| = 0.2 to 1.0V, Common-Mode Voltage VCM = |VID/2| to 2.4V -|VID/2|, Input Rise
and Fall Time = 1ns (20 to 80%), Input Frequency = 100MHz, TAMB = -40 to +85ºC. Typical values are at VCC = +3.3V, VCM = 1.2V, |VID| = 0.2V,
TAMB = +25ºC (unless otherwise specified).
1, 2
Notes:
1. AC parameters are guaranteed by design and characterization.
2. CL includes scope probe and test jig capacitance.
3. tSKD1 is the magnitude difference of differential propagation delays in a channel. tSKD1 = |tPHLD - tPLHD|.
4. tSKD2 is the magnitude difference of the tPLHD or tPHLD of one channel and the tPLHD or tPHLD of any other channel on the same device.
5. tSKD3 is the magnitude difference of any differential propagation delays between devices operating over rated conditions at the same
VCC and within 5ºC of each other.
6. tSKD4 is the magnitude difference of any differential propagation delays between devices operating over rated conditions.
7. fMAX generator output conditions:
a. Rise time = fall time = 1ns (0 to 100%)
b. 50% duty cycle
c. VOH = +1.3V
d. VOL = +1.1V
8. Output criteria:
a. Duty cycle = 60% to 40%
b. VOL = 0.4V (max)
c. VOH = 2.7V (min)
d. Load = 10pF
Table 4. AC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Differential Propagation Delay High-to-Low
tPHLD
Figure 20 on page 11 and Figure 21 on
page 12
11.8
3.1
ns
Differential Propagation Delay Low-to-High
tPLHD
Figure 20 on page 11 and Figure 21 on
page 12
11.8
3.1
ns
Differential Pulse Skew
(tPHLD - tPLHD)
3
tSKD1
Figure 20 on page 11 and Figure 21 on
page 12
250
600
ps
Differential Channel-to-Channel Skew
4
tSKD2
Figure 20 on page 11 and Figure 21 on
page 12
600
ps
Differential Part-to-Part Skew
5
tSKD3
Figure 20 on page 11 and Figure 21 on
page 12
0.8
ns
Differential Part-to-Part Skew
6
tSKD4
Figure 20 on page 11 and Figure 21 on
page 12
1.5
ns
Rise Time
tTLH
Figure 20 on page 11 and Figure 21 on
page 12
0.4
1.0
ns
Fall Time
tTHL
Figure 20 on page 11 and Figure 21 on
page 12
0.4
1.0
ns
Maximum Operating Frequency
7, 8
fMAX
All Channels Switching
130
160
MHz


Similar Part No. - AS1153

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
   Single/Dual LVDS Receivers
AS1153-T AMSCO-AS1153-T Datasheet
291Kb / 15P
   Single/Dual LVDS Receivers
More results

Similar Description - AS1153

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9159 MAXIM-MAX9159 Datasheet
147Kb / 7P
   Dual LVDS Line Receiver
19-2274; Rev 0; 1/02
logo
Texas Instruments
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
STMicroelectronics
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
   Rad-hard dual LVDS driver-receiver
March 2015 Rev 3
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
[Old version datasheet]   DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
logo
Fairchild Semiconductor
FIN1049 FAIRCHILD-FIN1049 Datasheet
319Kb / 10P
   LVDS Dual Line Driver with Dual Line Receiver
FIN1049MTCX FAIRCHILD-FIN1049MTCX Datasheet
1Mb / 12P
   LVDS Dual-Line Driver with Dual-Line Receiver
logo
ON Semiconductor
FIN1049 ONSEMI-FIN1049 Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
logo
National Semiconductor ...
DS90C402 NSC-DS90C402_05 Datasheet
568Kb / 8P
   Dual Low Voltage Differential Signaling (LVDS) Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com