Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULN2003V12PWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2003V12PWR
Description  7-Channel Relay and Inductive Load Sink Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2003V12PWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ULN2003V12PWR Datasheet HTML 2Page - Texas Instruments ULN2003V12PWR Datasheet HTML 3Page - Texas Instruments ULN2003V12PWR Datasheet HTML 4Page - Texas Instruments ULN2003V12PWR Datasheet HTML 5Page - Texas Instruments ULN2003V12PWR Datasheet HTML 6Page - Texas Instruments ULN2003V12PWR Datasheet HTML 7Page - Texas Instruments ULN2003V12PWR Datasheet HTML 8Page - Texas Instruments ULN2003V12PWR Datasheet HTML 9Page - Texas Instruments ULN2003V12PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ULN 2003V12
IN3
IN4
OUT1
OUT2
OUT3
OUT4
IN5
IN6
IN7
GND
OUT5
OUT6
OUT7
COM
IN1
IN2
VSUP Level Shift Supply(Up to 20V)
Logic Inputs
(1.8V to 5V)
OUT1_VSUP
OUT2_VSUP
OUT3_VSUP
OUT4_VSUP
OUT5_VSUP
OUT6_VSUP
OUT7_VSUP
ULN2003V12
SLRS060A – MAY 2012 – REVISED JUNE 2012
www.ti.com
Application Examples
Inverting Logic Level Shifter
To use ULN2003V12 as an open-collector or an open-drain inverting logic level shifter configure the device as
shown in Figure 3. The ULN2003V12’s each channel input and output logic levels can also be set independently.
When using different channel input and output logic voltages connect the ULN2003V12 COM pin to the
maximum voltage.
Figure 3. ULN2003V12 as Inverting Logic Level Shifter
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): ULN2003V12


Similar Part No. - ULN2003V12PWR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ULN2003V12 DIODES-ULN2003V12 Datasheet
432Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
ULN2003V12 DIODES-ULN2003V12 Datasheet
371Kb / 2P
   Seven Channel, DMOSFET, Transistor Array with Negative Input Range Provides Load Current Feedback and Reduced Power Dissipation
ULN2003V12S16-13 DIODES-ULN2003V12S16-13 Datasheet
448Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
ULN2003V12S16-13 DIODES-ULN2003V12S16-13 Datasheet
432Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
ULN2003V12T16-13 DIODES-ULN2003V12T16-13 Datasheet
448Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
More results

Similar Description - ULN2003V12PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2003LV TI1-ULN2003LV Datasheet
1Mb / 19P
[Old version datasheet]   7-Channel Relay and Inductive Load Sink Driver
logo
Diodes Incorporated
ULN2003F12 DIODES-ULN2003F12 Datasheet
448Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
ULN2003V12 DIODES-ULN2003V12_17 Datasheet
432Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
DMN61D8LVTQ DIODES-DMN61D8LVTQ_16 Datasheet
349Kb / 7P
   INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
   Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com