Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS659107A1RSL Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS659107A1RSL
Description  Integrated Power Management Unit Top Specification
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS659107A1RSL Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS659107A1RSL Datasheet HTML 4Page - Texas Instruments TPS659107A1RSL Datasheet HTML 5Page - Texas Instruments TPS659107A1RSL Datasheet HTML 6Page - Texas Instruments TPS659107A1RSL Datasheet HTML 7Page - Texas Instruments TPS659107A1RSL Datasheet HTML 8Page - Texas Instruments TPS659107A1RSL Datasheet HTML 9Page - Texas Instruments TPS659107A1RSL Datasheet HTML 10Page - Texas Instruments TPS659107A1RSL Datasheet HTML 11Page - Texas Instruments TPS659107A1RSL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
TPS65910, TPS65910A, TPS65910A3, TPS659101, TPS659102, TPS659103
TPS659104, TPS659105, TPS659106, TPS659107, TPS659108, TPS659109
SWCS046N – MARCH 2010 – REVISED APRIL 2012
www.ti.com
DIGITAL I/O VOLTAGE ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
Related I/O: PWRON
Low-level input voltage VIL
0.3 x VCC7
V
High-level input voltage VIH
0.7 x VCC7
V
Related I/Os: PWRHOLD, GPIO_CKSYNC
Low-level input voltage VIL
0.45
V
VDDIO/V
High-level input voltage VIH
1.3
VCC7
V
CC7
Related I/Os: BOOT0, BOOT1, OSC32KIN
Low-level input voltage VIL
0.35 x VRTC
V
High-level input voltage VIH
0.65 x VRTC
V
Related I/Os: SLEEP
Low-level input voltage VIL
0.35 x VDDIO
V
High-level input voltage VIH
0.65 x VDDIO
V
Related I/Os: NRESPWRON, INT1, 32KCLKOUT
Low-level output voltage VOL
IOL = 100 µA
0.2
V
IOL = 2 mA
0.45
V
High-level output voltage VOH
IOH = 100 µA
VDDIO – 0.2
V
IOH = 2 mA
VDDIO – 0.45
V
Related Open-Drain I/Os: GPIO0
Low-level output voltage VOL
IOL = 100 µA
0.2
V
IOL = 2 mA
0.45
V
I2C-Specific Related I/Os: SCL, SDA, SCLSR_EN1, SDASR_EN2
Low-level input voltage VIL
–0.5
0.3 x VDDIO
V
High-level input voltage VIH
0.7 x VDDIO
V
Hysteresis
0.1 x VDDIO
V
Low-level output voltage VOL @ 3mA (sink current), VDDIO = 1.8 V
0.2 × VDDIO
V
Low-level output voltage VOL @ 3mA (sink current), VDDIO = 3.3 V
0.4 x VDDIO
V
8
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS65910 TPS65910A TPS65910A3 TPS659101 TPS659102 TPS659103 TPS659104
TPS659105 TPS659106 TPS659107 TPS659108 TPS659109


Similar Part No. - TPS659107A1RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS659107A1RSL TI1-TPS659107A1RSL Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659107A1RSLR TI1-TPS659107A1RSLR Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
More results

Similar Description - TPS659107A1RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65910 TI1-TPS65910_13 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_14 Datasheet
1Mb / 97P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659110 TI1-TPS659110_16 Datasheet
1Mb / 119P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V02 Datasheet
2Mb / 143P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V03 Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
TPS65911 TI-TPS65911_V01 Datasheet
2Mb / 142P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V04 Datasheet
2Mb / 145P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
REVISED AUGUST 2018
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
[Old version datasheet]   Automotive Integrated Power-Management Unit
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com