Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27512DRS Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC27512DRS
Description  Single Channel High-Speed, Low-Side Gate Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27512DRS Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC27512DRS Datasheet HTML 5Page - Texas Instruments UCC27512DRS Datasheet HTML 6Page - Texas Instruments UCC27512DRS Datasheet HTML 7Page - Texas Instruments UCC27512DRS Datasheet HTML 8Page - Texas Instruments UCC27512DRS Datasheet HTML 9Page - Texas Instruments UCC27512DRS Datasheet HTML 10Page - Texas Instruments UCC27512DRS Datasheet HTML 11Page - Texas Instruments UCC27512DRS Datasheet HTML 12Page - Texas Instruments UCC27512DRS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1
2
3
4
5
EN
GND
IN+
VDD
OUT
1
2
3
4
5
EN
GND
IN-
VDD
OUT
UCC27518
UCC27519
www.ti.com
SLUSB33 – MAY 2012
UCC27518
SOT-23 DBV
(Top View)
UCC27519
SOT-23 DBV
(Top View)
TERMINAL FUNCTIONS
TERMINAL
I/O
FUNCTION
PIN NUMBER
NAME
Enable input: (EN biased LOW disables output regardless of Input state, EN biased
1
EN
I
high or floating enables output, EN is allowed to float hence it is pin-to-pin compatible
with TPS282X N/C pin)
2
GND
-
Ground: All signals referenced to this pin.
IN-
I
Input: Inverting input in the UCC27518, output held LOW if IN- is unbiased or floating
3
Input: Non-inverting input in the UCC27519, output held LOW if IN+ is unbiased or
IN+
I
floating
4
OUT
O
Sourcing and sinking current output of driver.
5
VDD
i
Supply input.
Table 2. Device Logic Table
EN
UCC27518
UCC27519
IN- PIN
OUT PIN
IN+ PIN
OUT PIN
H
L
H
L
L
H
H
L
H
H
L
Any
L
Any
L
Any
x(1)
L
x(1)
L
x(1)
L
H
L
L
x(1)
H
L
H
H
(1)
x = Floating Condition
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UCC27518 UCC27519


Similar Part No. - UCC27512DRS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27512DRS TI1-UCC27512DRS Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27512DRS TI1-UCC27512DRS Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27512DRS TI1-UCC27512DRS Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27512DRS TI1-UCC27512DRS Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27512DRS TI1-UCC27512DRS Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
More results

Similar Description - UCC27512DRS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517 TI1-UCC27517 Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com