Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27511DBV Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC27511DBV
Description  Single Channel High-Speed, Low-Side Gate Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27511DBV Datasheet(HTML) 1 Page - Texas Instruments

  UCC27511DBV Datasheet HTML 1Page - Texas Instruments UCC27511DBV Datasheet HTML 2Page - Texas Instruments UCC27511DBV Datasheet HTML 3Page - Texas Instruments UCC27511DBV Datasheet HTML 4Page - Texas Instruments UCC27511DBV Datasheet HTML 5Page - Texas Instruments UCC27511DBV Datasheet HTML 6Page - Texas Instruments UCC27511DBV Datasheet HTML 7Page - Texas Instruments UCC27511DBV Datasheet HTML 8Page - Texas Instruments UCC27511DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
2
3
5
4
EN
GND
IN+/IN-
VDD
OUT
UCC27518/19
Q1
IN
4.5 V to 18 V
C1
R1
EN
V+
UCC27518
UCC27519
www.ti.com
SLUSB33 – MAY 2012
Single Channel High-Speed, Low-Side Gate Driver
(Based On CMOS Input Threshold with 4-A Peak Source and 4-A Peak Sink)
Check for Samples: UCC27518 , UCC27519
1
FEATURES
APPLICATIONS
Low-Cost, Gate-Driver Device Offering
Switch-Mode Power Supplies
Superior Replacement of NPN and PNP
DC-to-DC Converters
Discrete Solutions
Companion Gate Driver Devices for Digital
Pin-to-Pin Compatible With TI's TPS2828 and
Power Controllers
the TPS2829
Solar Power, Motor Control, UPS
4-A Peak Source and 4-A Peak Sink
Gate Driver for Emerging Wide Band-Gap
Symmetrical Drive
Power Devices (such as GaN)
Fast Propagation Delays (17-ns typical)
Fast Rise and Fall Times (8-ns and 7-ns
DESCRIPTION
typical)
The UCC27518 and UCC27519 single-channel, high-
speed, low-side gate driver device is capable of
4.5-V to 18-V Single Supply Range
effectively
driving
MOSFET
and
IGBT
power
Outputs Held Low During VDD UVLO (ensures
switches. Using a design that inherently minimizes
glitch free operation at power-up and power-
shoot-through current, UCC27518 and UCC27519
down)
are capable of sourcing and sinking high, peak-
CMOS Input Logic Threshold (function of
current pulses into capacitive loads offering rail-to-rail
drive capability and extremely small propagation
supply voltage with hysteresis)
delay typically 17 ns.
Hysteretic Logic Thresholds for High Noise
Immunity
The UCC27518 and UCC27519 provide 4-A source,
4-A
sink
(symmetrical
drive)
peak-drive
current
EN Pin for Enable Function (allowed to be no
capability at VDD = 12 V.
connect)
The UCC27518 and UCC27519 are designed to
Output Held Low when Input Pins are Floating
operate over a wide VDD range of 4.5 V to 18 V and
Input Pin Absolute Maximum Voltage Levels
wide temperature range of -40°C to 140°C. Internal
Not Restricted by VDD Pin Bias Supply
Under Voltage Lockout (UVLO) circuitry on VDD pin
Voltage
holds output low outside VDD operating range. The
Operating Temperature Range of -40°C to
capability to operate at low voltage levels such as
140°C
below 5 V, along with best in class switching
characteristics,
is
especially
suited
for
driving
5-Pin DBV Package (SOT-23)
emerging wide band-gap power switching devices
such as GaN power semiconductor devices.
Typical Application Diagrams
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC27511DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27511DBV TI1-UCC27511DBV Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27511DBV TI1-UCC27511DBV Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27511DBV TI1-UCC27511DBV Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27511DBV TI1-UCC27511DBV Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27511DBV TI1-UCC27511DBV Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
More results

Similar Description - UCC27511DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517 TI1-UCC27517 Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com