Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28070A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28070A
Description  Extended Frequency Range (10 kHz to 300 kHz)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28070A Datasheet(HTML) 1 Page - Texas Instruments

  UCC28070A Datasheet HTML 1Page - Texas Instruments UCC28070A Datasheet HTML 2Page - Texas Instruments UCC28070A Datasheet HTML 3Page - Texas Instruments UCC28070A Datasheet HTML 4Page - Texas Instruments UCC28070A Datasheet HTML 5Page - Texas Instruments UCC28070A Datasheet HTML 6Page - Texas Instruments UCC28070A Datasheet HTML 7Page - Texas Instruments UCC28070A Datasheet HTML 8Page - Texas Instruments UCC28070A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
V
IN
V
OUT
12V to 21V
M2
R
B
R
A
R
B
M1
L2
D2
D1
C
OUT
R
A
C
PC
C
PC
C
ZC
C
ZC
R
ZC
R
ZC
C
SS
R
RDM
R
RT
T1
T2
C
CDR
R
DMX
R
SYN
C
REF
R
PK1
R
PK2
C
ZV
R
ZV
C
PV
R
S
R
S
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CAOA
CAOB
PKLMT
GND
VAO
VINAC
VSENSE
CSA
CSB
RT
CDR
SS
GDB
GDA
IMO
VCC
RSYNTH
VREF
DMAX
RDM
R
IMO
To CSB
To CSA
From Ixfrms
L1
UCC28070A
www.ti.com
SLUSAW0 – MARCH 2012
Extended Frequency Range (10 kHz to 300 kHz),
Interleaving Continuous Conduction Mode PFC Controller
Check for Samples: UCC28070A
1
FEATURES
APPLICATIONS
Interleaved Average Current-Mode PWM
Air Conditioners and White Goods
Control with Inherent Current Matching
PFC Applications with IGBT Power Switches
Advanced Current Synthesizer Current
High-Efficiency Server and Desktop Power
Sensing for Superior Efficiency
Supplies
Highly-Linear Multiplier Output with Internal
Telecom Rectifiers
Quantized Voltage Feed-Forward Correction
Industrial Equipment
for Near-Unity PF
Extended Range Programmable Frequency (10
DESCRIPTION
kHz to 300 kHz)
The UCC28070A is an extended frequency range
Programmable Maximum Duty-Cycle Clamp
derivative of UCC28070, capable of operating at low
switching frequencies desired for IGBT power switch
Programmable Frequency Dithering Rate and
based PFC converters in high power applications.
Magnitude for Enhanced EMI Reduction
The UCC28070A is capable of operating in frequency
Magnitude: 3 kHz to 30 kHz
range 10 kHz to 300 khz, thus extending the range of
Rate: Up to 30 kHz
operation compared to UCC28070 whose minimum
External Clock Synchronization Capability
operating frequency was limited to 30 khz. All the
other features and benefits of UCC28070 are also
Enhanced Load and Line Transient Response
available in UCC28070A. The 180 degree out-of-
through Voltage Amplifier Output Slew-Rate
phase interleaved operation generates substantial
Correction
reduction in input and output ripple currents and
Programmable Peak Current Limiting
conducted EMI filtering becomes easier and less
Bias-Supply UVLO, Over-Voltage Protection,
expensive.
Open-Loop Detection, and PFC-Enable
Monitoring
External PFC-Disable Interface
Open-Circuit Protection on VSENSE and
VINAC pins
Programmable Soft Start
20-Lead TSSOP Package
Simplified Application Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC28070A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070APW TI1-UCC28070APW Datasheet
1Mb / 44P
[Old version datasheet]   Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
UCC28070APWR TI1-UCC28070APWR Datasheet
1Mb / 44P
[Old version datasheet]   Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
UCC28070A TI1-UCC28070A_12 Datasheet
1Mb / 44P
[Old version datasheet]   Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
UCC28070A TI-UCC28070A_15 Datasheet
988Kb / 44P
[Old version datasheet]   Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
More results

Similar Description - UCC28070A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070A TI-UCC28070A_15 Datasheet
988Kb / 44P
[Old version datasheet]   Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
UCC28070A TI1-UCC28070A_12 Datasheet
1Mb / 44P
[Old version datasheet]   Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
logo
Bel Fuse Inc.
0RRQ-50V10R BEL-0RRQ-50V10R Datasheet
701Kb / 15P
   Fixed Frequency (300 KHz)
logo
ATMEL Corporation
U227B ATMEL-U227B Datasheet
324Kb / 18P
   Carrier Frequency fosc 100 kHz to 150 kHz
logo
PUI audio inc.
AS05308AS-R PUIAUDIO-AS05308AS-R Datasheet
757Kb / 5P
   Coated alloy cone for extended frequency response to 40 kHz
AS03608AS-R PUIAUDIO-AS03608AS-R Datasheet
935Kb / 5P
   Coated alloy cone for extended frequency response to 40 kHz
AS07808AS-R PUIAUDIO-AS07808AS-R Datasheet
778Kb / 5P
   Coated alloy cone for extended frequency response to 40 kHz
logo
Micronetics, Inc.
NMA2108-A1E MICRONETICS-NMA2108-A1E Datasheet
50Kb / 2P
   Legacy 1 kHz to 300 MHz
NMA2108-A2S MICRONETICS-NMA2108-A2S Datasheet
163Kb / 2P
   Legacy 1 kHz to 300 MHz
logo
Skyworks Solutions Inc.
SKY13374-397LF SKYWORKS-SKY13374-397LF Datasheet
648Kb / 9P
   300 kHz to 6.0 GHz SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com