Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27517DBV Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC27517DBV
Description  Single Channel High-Speed, Low-Side Gate Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27517DBV Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC27517DBV Datasheet HTML 4Page - Texas Instruments UCC27517DBV Datasheet HTML 5Page - Texas Instruments UCC27517DBV Datasheet HTML 6Page - Texas Instruments UCC27517DBV Datasheet HTML 7Page - Texas Instruments UCC27517DBV Datasheet HTML 8Page - Texas Instruments UCC27517DBV Datasheet HTML 9Page - Texas Instruments UCC27517DBV Datasheet HTML 10Page - Texas Instruments UCC27517DBV Datasheet HTML 11Page - Texas Instruments UCC27517DBV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
0.05
0.06
0.07
0.08
0.09
0.1
0.11
0.12
−50
0
50
100
150
Temperature (°C)
IN+=Low,IN−=Low
IN+=High, IN−=Low
VDD = 3.4 V
G001
2
2.5
3
3.5
4
−50
0
50
100
150
Temperature (°C)
VDD = 12 V
CLoad = 500 pF
fsw = 500 kHz
G013
0.1
0.2
0.3
0.4
0.5
−50
0
50
100
150
Temperature (°C)
IN+=Low,IN−=Low
IN+=High, IN−=Low
VDD = 12 V
G002
3.6
3.8
4
4.2
4.4
4.6
−50
0
50
100
150
Temperature (°C)
UVLO Rising
UVLO Falling
G003
1
1.5
2
2.5
3
3.5
−50
0
50
100
150
Temperature (°C)
Turn−On
Turn−Off
VDD = 12 V
CLoad = 1.8 nF
G014
4
5
6
7
8
−50
0
50
100
150
Temperature (°C)
RoH
VDD = 12 V
Iout = 10 mA
G004
UCC27511
SLUSAW9B – FEBRUARY 2012 – REVISED MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS
START-UP CURRENT
OPERATING SUPPLY CURRENT
vs
vs
TEMPERATURE
TEMPERATURE (Output Switching)
Figure 5.
Figure 6.
SUPPLY CURRENT
UVLO THRESHOLD VOLTAGE
vs
vs
TEMPERATURE (Output in DC On/Off condition)
TEMPERATURE
Figure 7.
Figure 8.
INPUT THRESHOLD
OUTPUT PULL-UP RESISTANCE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 9.
Figure 10.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): UCC27511


Similar Part No. - UCC27517DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517DBV TI1-UCC27517DBV Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517DBV TI1-UCC27517DBV Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517DBV TI1-UCC27517DBV Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517DBV TI1-UCC27517DBV Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27517DBV TI1-UCC27517DBV Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
More results

Similar Description - UCC27517DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517 TI1-UCC27517 Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com