Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65910A1RSL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65910A1RSL
Description  Integrated Power Management Unit Top Specification
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65910A1RSL Datasheet(HTML) 1 Page - Texas Instruments

  TPS65910A1RSL Datasheet HTML 1Page - Texas Instruments TPS65910A1RSL Datasheet HTML 2Page - Texas Instruments TPS65910A1RSL Datasheet HTML 3Page - Texas Instruments TPS65910A1RSL Datasheet HTML 4Page - Texas Instruments TPS65910A1RSL Datasheet HTML 5Page - Texas Instruments TPS65910A1RSL Datasheet HTML 6Page - Texas Instruments TPS65910A1RSL Datasheet HTML 7Page - Texas Instruments TPS65910A1RSL Datasheet HTML 8Page - Texas Instruments TPS65910A1RSL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
TPS65910, TPS65910A, TPS65910A3, TPS659101, TPS659102, TPS659103
TPS659104, TPS659105, TPS659106, TPS659107, TPS659108, TPS659109
www.ti.com
SWCS046N – MARCH 2010 – REVISED APRIL 2012
Integrated Power Management Unit Top Specification
Check for
Samples: TPS65910, TPS65910A, TPS65910A3, TPS659101, TPS659102, TPS659103, TPS659104, TPS659105, TPS659106,
TPS659107, TPS659108, TPS659109
1
FEATURES
APPLICATIONS
The purpose of the TPS65910 device is to
Portable and handheld systems
provide the following resources:
OMAP3 power management
Embedded power controller
DESCRIPTION
Two efficient step-down dc-dc converters for
The TPS65910 is an integrated power-management
processor cores
IC available in 48-QFN package and dedicated to
One efficient step-down dc-dc converter for I/O
applications powered by one Li-Ion or Li-Ion polymer
power
battery cell or 3-series Ni-MH cells, or by a 5-V input;
One efficient step-up 5-V dc-dc converter
it requires multiple power rails. The device provides
three step-down converters, one step-up converter,
SmartReflex™ compliant dynamic voltage
and eight LDOs and is designed to support the
management for processor cores
specific
power
requirements
of
OMAP-based
8 LDO voltage regulators and one RTC LDO
applications.
(internal purpose)
Two of the step-down converters provide power for
One high-speed I2C interface for general-
dual processor cores and are controllable by a
purpose control commands (CTL-I2C)
dedicated class-3 SmartReflex interface for optimum
One high-speed I2C interface for SmartReflex
power savings. The third converter provides power for
Class 3 control and command (SR-I2C)
the I/Os and memory in the system.
Two enable signals multiplexed with SR-I2C,
The device includes eight general-purpose LDOs
configurable to control any supply state and
providing a wide range of voltage and current
processor cores supply voltage
capabilities; they are fully controllable by the I2C
interface. The use of the LDOs is flexible; they are
Thermal shutdown protection and hot-die
intended to be used as follows: Two LDOs are
detection
designated to power the PLL and video DAC supply
A real-time clock (RTC) resource with:
rails on the OMAP based processors, four general-
Oscillator for 32.768-kHz crystal or 32-kHz
purpose auxiliary LDOs are available to provide
built-in RC oscillator
power to other devices in the system, and two LDOs
are provided to power DDR memory supplies in
Date, time and calendar
applications requiring these memories.
Alarm capability
In addition to the power resources, the device
One configurable GPIO
contains an embedded power controller (EPC) to
DC-DC switching synchronization through
manage the power sequencing requirements of the
internal or external 3-MHz clock
OMAP systems and an (RTC).
Figure 1 shows the top-level diagram of the device.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS65910A1RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65910A1RSL TI1-TPS65910A1RSL Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910A1RSLR TI1-TPS65910A1RSLR Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
More results

Similar Description - TPS65910A1RSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65910 TI1-TPS65910_13 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_14 Datasheet
1Mb / 97P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659110 TI1-TPS659110_16 Datasheet
1Mb / 119P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V02 Datasheet
2Mb / 143P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V03 Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
TPS65911 TI-TPS65911_V01 Datasheet
2Mb / 142P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V04 Datasheet
2Mb / 145P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
REVISED AUGUST 2018
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
[Old version datasheet]   Automotive Integrated Power-Management Unit
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com