Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL6032A1B4YFFT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TWL6032A1B4YFFT
Description  Fully Integrated Power Management with Power Path and Battery Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TWL6032A1B4YFFT Datasheet(HTML) 1 Page - Texas Instruments

  TWL6032A1B4YFFT Datasheet HTML 1Page - Texas Instruments TWL6032A1B4YFFT Datasheet HTML 2Page - Texas Instruments TWL6032A1B4YFFT Datasheet HTML 3Page - Texas Instruments TWL6032A1B4YFFT Datasheet HTML 4Page - Texas Instruments TWL6032A1B4YFFT Datasheet HTML 5Page - Texas Instruments TWL6032A1B4YFFT Datasheet HTML 6Page - Texas Instruments TWL6032A1B4YFFT Datasheet HTML 7Page - Texas Instruments TWL6032A1B4YFFT Datasheet HTML 8Page - Texas Instruments TWL6032A1B4YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TWL6032
www.ti.com
SWCS076
– DECEMBER 2011
Fully Integrated Power Management with Power Path and Battery Charger
Check for Samples: TWL6032
1
FEATURES
Thermal monitoring:
– High-temperature warning
Five highly efficient buck converters
– Thermal shutdown
– One 3 MHz, 0.6 to 2.1 V @ 5.0 A,
DVS-capable
Control:
– One 6 MHz, 0.6 to 2.1 V @ 2.5 A,
– Configurable power-up and power-down
DVS-capable
sequences (OTP memory)
– Three 6 MHz, 0.6 to 2.1 V @ 1.1 A, one
– Configurable sequences between SLEEP
being DVS-capable
and ACTIVE states (OTP memory)
– Extended mode for higher output voltages
– Three digital output signals that can be
included in the startup sequence to control
11 general-purpose low-droput voltage
external devices
regulators (LDOs)
– Two inter-integrated circuit (I2C™)
– Six 1.0 to 3.3 V @ 0.2 A with battery or
interfaces
preregulated supply:
– All resources configurable by I2C
One can be used as vibrator driver.
System voltage regulator/battery charger with
– One 1.0 to 3.3 V @ 50 mA with battery or
power path from USB:
preregulated supply
– Input current limit to comply with USB
– One low-noise 1.0 to 3.3 V @ 50 mA with
standard
battery or preregulated supply
– 3-MHz switched-mode regulator with
– One 3.3 V @ 100 mA USB LDO
integrated power FET for up to 2.0-A
– Two LDOs for TWL6032 internal use
current
USB OTG module:
– Dedicated control loop for battery current
– ID detection, accessory charger adapter
and voltage
(ACA) support
– External low-ohmic FET for power path and
– Accessory detection protocol (ADP)
battery charging
support
– Boost mode operation for USB OTG
Backup battery charger
– Supplement mode to deliver current from
12-bit sigma-delta analog-to-digital converter
battery during power path operation
(ADC) with 19 input channels:
– Charger for single-cell Li-Ion and
– Seven external input channels
Li-polymer battery packs
13-bit Coulomb counter with four
– Safety timer and reset control
programmable integration periods
– Thermal protection
Low power consumption:
– Input/output overvoltage protection
– 8 µA in BACKUP state
– Charging indicator LED driver
– 20 µA in WAIT-ON state
– Compliant with:
– 110 µA in SLEEP state, with two DC-DCs
– USB 2.0
active
– OTG and EH 2.0
Real-time clock (RTC) with timer and alarm
– USB battery charging 1.2
wake-up:
– YD/T 1591-2006
– Three buffered 32-kHz outputs
– Japanese battery charging guidelines
SIM and SD/MMC card detections
(JEITA)
Two digital PWM outputs
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the
Copyright
© 2011, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - TWL6032A1B4YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6032A1B4YFFT TI1-TWL6032A1B4YFFT Datasheet
725Kb / 11P
[Old version datasheet]   TWL6032 Fully Integrated Power Management with Power Path and Battery Charger
More results

Similar Description - TWL6032A1B4YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS80032 TI1-TPS80032 Datasheet
2Mb / 127P
[Old version datasheet]   Fully Integrated Power Management With Power Path and Battery Charger
TWL6032 TI1-TWL6032_16 Datasheet
725Kb / 11P
[Old version datasheet]   TWL6032 Fully Integrated Power Management with Power Path and Battery Charger
logo
Eutech Microelectronics...
EUP8075 EUTECH-EUP8075 Datasheet
110Kb / 1P
   . USB-Compliant Li-Ion Battery Charger Integrated with System Power-Path Management
logo
Richtek Technology Corp...
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
   Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
   Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
logo
Texas Instruments
TWL6030 TI-TWL6030 Datasheet
630Kb / 9P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
TWL6030 TI1-TWL6030 Datasheet
943Kb / 97P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
TWL6030 TI1-TWL6030_13 Datasheet
630Kb / 9P
[Old version datasheet]   Fully Integrated Power Management with Switch Mode Charger
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com