Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61256YFFT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61256YFFT
Description  3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61256YFFT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS61256YFFT Datasheet HTML 3Page - Texas Instruments TPS61256YFFT Datasheet HTML 4Page - Texas Instruments TPS61256YFFT Datasheet HTML 5Page - Texas Instruments TPS61256YFFT Datasheet HTML 6Page - Texas Instruments TPS61256YFFT Datasheet HTML 7Page - Texas Instruments TPS61256YFFT Datasheet HTML 8Page - Texas Instruments TPS61256YFFT Datasheet HTML 9Page - Texas Instruments TPS61256YFFT Datasheet HTML 10Page - Texas Instruments TPS61256YFFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
C
4.7
I
μF
C
10 uF
O
SW
VIN
EN
VOUT
BP
GND
L
1 μH
V
IN
V
OUT
TPS6125x
EN
BP
0
0
0
1
1
X
Shutdown, True Load Disconnect (SD)
Standby Mode, Output Pre-Biased (SM)
Boost Operating Mode (BST)
TPS61253, TPS61254, TPS61256, TPS61258
www.ti.com
SLVSAG8B – SEPTEMBER 2011 – REVISED MAY 2012
PARAMETER MEASUREMENT INFORMATION
Table 2. List of Components
REFERENCE
DESCRIPTION
PART NUMBER, MANUFACTURER
L(1)
1.0
μH, 1.8A, 48mΩ, 3.2 x 2.5 x 1.0mm max. height
LQM32PN1R0MG0, muRata
L(2)
1.0
μH, 3.7A, 37mΩ, 3.2 x 2.5 x 1.2mm max. height
DFE322512C, TOKO
CI
4.7
μF, 6.3V, 0402, X5R ceramic
GRM155R60J475M, muRata
CO
10
μF, 6.3V, 0603, X5R ceramic
GRM188R60J106ME84, muRata
(1)
Inductor used to characterize TPS61254YFF, TPS61255YFF, TPS61256YFF and TPS61257YFF devices.
(2)
Inductor used to characterize TPS61253YFF, TPS61258YFF and TPS61259YFF devices.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS61253 TPS61254 TPS61256 TPS61258


Similar Part No. - TPS61256YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61256YFFT TI1-TPS61256YFFT Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256YFFT TI1-TPS61256YFFT Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results

Similar Description - TPS61256YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com