Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS82696SIP Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS82696SIP
Description  500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82696SIP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS82696SIP Datasheet HTML 4Page - Texas Instruments TPS82696SIP Datasheet HTML 5Page - Texas Instruments TPS82696SIP Datasheet HTML 6Page - Texas Instruments TPS82696SIP Datasheet HTML 7Page - Texas Instruments TPS82696SIP Datasheet HTML 8Page - Texas Instruments TPS82696SIP Datasheet HTML 9Page - Texas Instruments TPS82696SIP Datasheet HTML 10Page - Texas Instruments TPS82696SIP Datasheet HTML 11Page - Texas Instruments TPS82696SIP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
82
84
86
88
90
92
94
96
98
100
V - Input Voltage - V
I
2.9
3.1
3.3
3.5
3.7
3.9
4.1 4.3
4.5
4.7
4.9
I
= 1 mA
O
V
= 2.85 V
PFM/PWM Operation
O
I
= 10 mA
O
I
= 100 mA
O
I
= 300 mA
O
0
50
100 150 200
250 300 350 400 450 500
I
- Load Current - mA
O
0
10
20
30
40
50
60
70
80
90
100
V = 4.5 V
I
V = 3.6 V
I
V = 3.3 V
I
V
= 2.85 V
O
PFM/PWM Operation
0
50
100 150 200
250 300 350 400 450 500
I
- Load Current - mA
O
0
5
10
15
20
25
30
35
40
45
50
55
V
= 2.85 V
C
(additional) = 4.7 F 0402 6.3 V X5R
O
O
m
PFM/PWM Operation
V = 4.5 V
I
V = 3.6 V
I
V = 3.3 V
I
2.765
2.793
2.822
2.85
2.879
2.907
2.936
0.1
1
10
100
1000
I
- Load Current - mA
O
V
= 2.85 V
PFM/PWM Operation
O
V = 4.5 V
I
V = 3.6 V
I
V = 3.2 V
I
V = 3 V
I
TPS82690
TPS82695
TPS82697
SLVSA66B
– JUNE 2011 – REVISED FEBRUARY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
vs
vs
INPUT VOLTAGE
LOAD CURRENT
Figure 7.
Figure 8.
PEAK-TO-PEAK OUTPUT RIPPLE VOLTAGE
DC OUTPUT VOLTAGE
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 9.
Figure 10.
8
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS82690 TPS82695 TPS82697


Similar Part No. - TPS82696SIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82690 TI1-TPS82690 Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
TPS82690EVM-646 TI1-TPS82690EVM-646 Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
TPS82690SIP TI1-TPS82690SIP Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
More results

Similar Description - TPS82696SIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com