Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS82690SIP Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS82690SIP
Description  500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82690SIP Datasheet(HTML) 4 Page - Texas Instruments

  TPS82690SIP Datasheet HTML 1Page - Texas Instruments TPS82690SIP Datasheet HTML 2Page - Texas Instruments TPS82690SIP Datasheet HTML 3Page - Texas Instruments TPS82690SIP Datasheet HTML 4Page - Texas Instruments TPS82690SIP Datasheet HTML 5Page - Texas Instruments TPS82690SIP Datasheet HTML 6Page - Texas Instruments TPS82690SIP Datasheet HTML 7Page - Texas Instruments TPS82690SIP Datasheet HTML 8Page - Texas Instruments TPS82690SIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TPS82690
TPS82695
TPS82697
SLVSA66B
– JUNE 2011 – REVISED FEBRUARY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum values are at VI = 2.3V to 4.35V, VO = 2.5V, EN = 1.8V, AUTO mode and TA = –40°C to 85°C; Circuit
of Parameter Measurement Information section (unless otherwise noted). Typical values are at VI = 3.6V, VO = 2.5V, EN =
1.8V, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
3.25V
≤ VI ≤ 4.35V, 0mA ≤ IO ≤ 500 mA
0.98
×VNOM
VNOM
1.04
×VNOM
V
PFM/PWM operation
3.25V
≤ VI ≤ 4.35V, 0mA ≤ IO ≤ 500 mA
Additional output capacitor, CO= 4.7μF 6.3V 0402
0.98
×VNOM
VNOM
1.03
×VNOM
V
(muRata GRM155R60J475M)
TPS82690
PFM/PWM operation
TPS82697
3.25V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 500 mA
0.98
×VNOM
VNOM
1.05
×VNOM
V
PFM/PWM operation
3.25V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 500 mA
0.98
×VNOM
VNOM
1.02
×VNOM
V
PWM operation
3.0V
≤ VI ≤ 4.35V, 0mA ≤ IO ≤ 500 mA
0.98
×VNOM
VNOM
1.04
×VNOM
V
PFM/PWM operation
Regulated DC
output voltage
3.0V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 500 mA
TPS82695
0.97
×VNOM
VNOM
1.05
×VNOM
V
V(OUT)
PFM/PWM operation
3.0V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 500 mA
0.98
×VNOM
VNOM
1.02
×VNOM
V
PWM operation
3.25V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 500 mA
0.97
×VNOM
VNOM
1.05
×VNOM
V
PFM/PWM operation
3.25V
≤ VI ≤ 4.35V, 0mA ≤ IO ≤ 500 mA
Additional output capacitor, CO= 4.7μF 6.3V 0402
TPS82696
0.97
×VNOM
VNOM
1.04
×VNOM
V
(muRata GRM155R60J475M)
PFM/PWM operation
3.25V
≤ VI ≤ 5.5V, 0mA ≤ IO ≤ 500 mA
0.97
×VNOM
VNOM
1.03
×VNOM
V
PWM operation
Line regulation
VI = VO + 0.5V (min 3.25V) to 5.5V, IO = 200 mA
0.18
%/V
TPS8269X
Load regulation
IO = 0mA to 500 mA. PWM operation
–0.0002
%/mA
Feedback input
TPS8269X
480
k
resistance
Input-to-output
rDS(on)
TPS8269X
VI = 3.25 V. Device not switching
390
m
On-resistance
IO = 1mA
70
mVPP
Power-save mode
IO = 1mA
ΔVO
TPS8269X
ripple voltage
Additional output capacitor, CO= 4.7μF 6.3V 0402
35
mVPP
(muRata GRM155R60J475M)
IO = 0mA, Time from active EN to VO
130
μs
TPS82690
Start-up time
TPS82696
Time from active EN to full load current operation
350
μs
TPS82697
permitted
Discharge resistor
rDIS
for power-down
TPS8269X
100
150
sequence
4
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS82690 TPS82695 TPS82697


Similar Part No. - TPS82690SIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82690SIP TI1-TPS82690SIP Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
More results

Similar Description - TPS82690SIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com