Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62363 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62363
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62363 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62363 Datasheet HTML 1Page - Texas Instruments TPS62363 Datasheet HTML 2Page - Texas Instruments TPS62363 Datasheet HTML 3Page - Texas Instruments TPS62363 Datasheet HTML 4Page - Texas Instruments TPS62363 Datasheet HTML 5Page - Texas Instruments TPS62363 Datasheet HTML 6Page - Texas Instruments TPS62363 Datasheet HTML 7Page - Texas Instruments TPS62363 Datasheet HTML 8Page - Texas Instruments TPS62363 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
TPS62360, TPS62361B
TPS62362, TPS62363
SLVSAU9B – MAY 2011 – REVISED MARCH 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART NUMBER
PACKAGE MARKING
PACKAGE
DEVICE SPECIFIC FEATURES(1)
Output Voltage Range
Output Voltage Presets
TPS62360(2)
See PACKAGE
CSP-16
VOUT = 0.77V to 1.4V, 10mV Steps
1.40V, 1.00V, 1.40V, 1.10V
SUMMARY Section
TPS62361B(2)
See PACKAGE
CSP-16
VOUT = 0.5V to 1.77V, 10mV Steps
0.96V, 1.40V, 1.16V, 1.16V
SUMMARY Section
TPS62362(2)
See PACKAGE
CSP-16
VOUT = 0.77V to 1.4V, 10mV Steps
1.23V, 1.10V, 1.20V, 1.10V
SUMMARY Section
TPS62363(2)
See PACKAGE
CSP-16
VOUT = 0.5V to 1.77V, 10mV Steps
1.20V, 1.36V, 1.50V, 1.00V
SUMMARY Section
(1)
Contact the factory to check availability of other output voltage or feature versions.
(2)
The YZH package is available in tape and reel. Add R suffix (e.g. TPS62360YZHR) to order quantities of 3000 parts per reel, T suffix for
250 parts per reel (e.g. TPS62360YZHT). For the most current package and ordering information, see the Package Option Addendum at
the end of this document, or visit the device product folder on ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
VIN, AVIN, SW pin(2)
–0.3
7
V
EN, VSEL0, VSEL1, SENSE+(2)
–0.3
(VAVIN+0.3V)
V
Voltage range
SENSE–(2)
–0.3
0.3
V
SCL, SDA(2)
–0.3
(VDD+0.3V)
V
VDD(2)
–0.3
3.6
V
Continuous RMS VIN / SW
1275
mA
current(3)
Operating ambient temperature range, TA
(4)
–40
85
°C
Temperature
Maximum operating junction temperature, TJ (MAX)
–40
150
°C
Storage temperature range, Tstg
–65
150
°C
Machine model
200
V
ESD rating(5)
Charge device model
500
V
Human body model
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
In order to be consistent with the TI reliability requirement for the silicon chips (100K Power-On-Hours at 105°C junction temperature),
the current should not continuously exceed 1275mA in the VIN pin and 2550mA in the SW pins so as to prevent electromigration failure
in the solder. See THERMAL AND DEVICE LIFE TIME INFORMATION.
(4)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature [TA(max)] is dependent on the maximum operating junction temperature [TJ(max)], the
maximum power dissipation of the device in the application [PD(max)], and the junction-to-ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max) = TJ(max) – (θJA × PD(max))
(5)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS62360 TPS62361B TPS62362 TPS62363


Similar Part No. - TPS62363

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62363 TI1-TPS62363 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62363YZHR TI1-TPS62363YZHR Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62363YZHT TI1-TPS62363YZHT Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - TPS62363

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62360_1108 TI-TPS62360_1108 Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI-TPS62360_15 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_17 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360 Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62366A TI1-TPS62366A Datasheet
4Mb / 48P
[Old version datasheet]   4A Processor Supply with I2C Compatible Interface and Remote Sense
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
logo
Texas Instruments
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com