Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62125DSGT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62125DSGT
Description  3V-17V, 300mA Step Down Converter With Adjustable Enable Threshold And Hysteresis
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62125DSGT Datasheet(HTML) 3 Page - Texas Instruments

  TPS62125DSGT Datasheet HTML 1Page - Texas Instruments TPS62125DSGT Datasheet HTML 2Page - Texas Instruments TPS62125DSGT Datasheet HTML 3Page - Texas Instruments TPS62125DSGT Datasheet HTML 4Page - Texas Instruments TPS62125DSGT Datasheet HTML 5Page - Texas Instruments TPS62125DSGT Datasheet HTML 6Page - Texas Instruments TPS62125DSGT Datasheet HTML 7Page - Texas Instruments TPS62125DSGT Datasheet HTML 8Page - Texas Instruments TPS62125DSGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
TPS62125
www.ti.com
SLVSAQ5A – MARCH 2012 – REVISED APRIL 2012
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage VIN
3
17
V
3V
≤ VIN < 6V
200
Output current capability
mA
6V
≤ VIN ≤ 17V
300
Operating ambient temperature TA
(1), (Unless Otherwise Noted)
–40
85
°C
Operating junction temperature range, TJ
–40
125
°C
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)) and
the maximum power dissipation of the device in the application (PD(max)). see the IC Package Thermal Metrics application report,
SPRA953.
ELECTRICAL CHARACTERISTICS
TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted), VIN = 12V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range(1)
3.0
17
V
VOUT
Output voltage range
1.2
10
V
IOUT = 0mA, Device not switching, EN = VIN,
13
23
µA
regulator sleeps
IOUT = 0mA, Device switching, VIN = 7.2V,
IQ
Quiescent current
14
VOUT = 1.2V, L = 22µH
µA
VIN = 5V, EN = 1.1V, enable comparator active,
6
11
device DC/DC converter off
VIN = 5 V = VOUT, TA = 25°C, high-side MOSFET
IActive
Active mode current consumption
230
275
µA
switch fully turned on (100% Mode)
Enable comparator off, EN < 0.4V,
ISD
Shutdown current(2)
0.35
2.4
µA
VOUT = SW = 0 V, VIN = 5V
Falling VIN
2.8
2.85
V
VUVLO
Undervoltage lockout threshold
Rising VIN
2.9
2.95
V
ENABLE COMPARATOR THRESHOLD AND HYSTERESIS (EN, EN_hys)
VTH EN ON
EN pin threshold rising edge
1.16
1.20
1.24
V
VTH EN OFF
EN pin threshold falling edge
3.0 V
≤ VIN ≤ 17V
1.12
1.15
1.19
V
VTH EN Hys
EN pin hysteresis
50
mV
IIN EN
Input bias current into EN pin
EN = 1.3V
0
50
nA
VEN_hyst
EN_hys pin output low
IEN_hyst = 1mA, EN = 1.1V
0.4
V
IIN EN_hyst
Input bias current into EN_hyst pin
EN_hyst = 1.3V
0
50
nA
POWER SWITCH
VIN = 3 V, I = 100mA
2.4
4
high-side MOSFET on-resistance
VIN = 12V, I = 100mA
1.5
2.6
RDS(ON)
VIN = 3V, I = 100mA
0.75
1.3
low-side MOSFET on-resistance
VIN = 12V, I = 100mA
0.6
1
Switch current limit high-side
ILIMF
VIN = 12V
600
750
900
mA
MOSFET
Thermal shutdown
Increasing junction temperature
150
°C
TSD
Thermal shutdown hysteresis
Decreasing junction temperature
20
°C
OUTPUT
tONmin
Minimum ON time
VIN = 5V, VOUT = 2.5 V
500
ns
tOFFmin
Minimum OFF time
VIN = 5 V
60
ns
(1)
The part is functional down to the falling UVLO (Under Voltage Lockout) threshold
(2)
Current into VIN pin
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPS62125


Similar Part No. - TPS62125DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62125DSG TI1-TPS62125DSG Datasheet
425Kb / 17P
[Old version datasheet]   TPS62125EVM-044 Evaluation Module
More results

Similar Description - TPS62125DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62130 TI-TPS62130_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6213x 3V-17V 3A Step-Down Converter In 3x3 QFN Package
logo
Advanced Analogic Techn...
AAT2500M ANALOGICTECH-AAT2500M Datasheet
721Kb / 22P
   400mA Step-Down Converter and 300mA LDO
AAT3183 ANALOGICTECH-AAT3183_08 Datasheet
348Kb / 15P
   300mA Inductorless Step-Down Converter
logo
Texas Instruments
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
RT9179 RICHTEK-RT9179_08 Datasheet
138Kb / 10P
   Adjustable, 300mA LDO Regulator with Enable
logo
Texas Instruments
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
logo
Advanced Analogic Techn...
AAT3183 ANALOGICTECH-AAT3183 Datasheet
630Kb / 16P
   300mA Inductorless Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com