Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS59650RSLT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS59650RSLT
Description  Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS59650RSLT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS59650RSLT Datasheet HTML 4Page - Texas Instruments TPS59650RSLT Datasheet HTML 5Page - Texas Instruments TPS59650RSLT Datasheet HTML 6Page - Texas Instruments TPS59650RSLT Datasheet HTML 7Page - Texas Instruments TPS59650RSLT Datasheet HTML 8Page - Texas Instruments TPS59650RSLT Datasheet HTML 9Page - Texas Instruments TPS59650RSLT Datasheet HTML 10Page - Texas Instruments TPS59650RSLT Datasheet HTML 11Page - Texas Instruments TPS59650RSLT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
TPS51650, TPS59650
SLUSAV7
– JANUARY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over recommended free-air temperature range, VV5 = VV5DRV = 5.0 V; VV3R3 = 3.3 V; VxGFB = VPGND = VGND, VxVFB = VCORE
(Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC (VCLK, VDIO, ALERT, VR_HOT, VR_ON) INTERFACE PINS: I/O VOLTAGE AND CURRENT
VDIO, ALERT, VR_HOT, pull-down resistance at
RRSVIDL
Open drain pull down resistance
4
8
13
Ω
0.31 V
RRPGDL
Open drain pull down resistance xPGOOD pull-down resistance at 0.31 V
36
50
Ω
VR_HOT, xPGOOD, Hi-Z leakage,
IVRTTLK
Open drain leakage current
-2
0.2
2
µA
apply 3.3-V in off state
VIL
Input logic low
VCLK, VDIO
0.45
V
VIH
Input logic high
VCLK, VDIO
0.65
V
VHYST
Hysteresis voltage (4)
50
mV
VVR_ONL
VR_ON logic low
0.3
V
VVR_ONH
VR_ON logic high
0.8
V
IVR_ONH
I/O 3.3 V leakage
Leakage current , VVR_ON = 1.1 V
8
25
µA
OVERSHOOT AND UNDERSHOOT REDUCTION (OSR/USR) THRESHOLD SETTING
VXOCP-R = 0.2 V
106
VXOCP-R = 0.4 V
156
VXOCP-R = 0.6 V
207
VXOCP-R = 0.8 V
257
OSR voltage set (COCP-R pin
VOSR
mV
for CPU GOCP-R for GPU)
VXOCP-R = 1.0 V
308
VXOCP-R = 1.2 V
409
VXOCP-R = 1.4 V
510
VXOCP-R = 1.6 V
610
VXOCP-R = 0.2 V
40
VXOCP-R = 0.4 V
60
VXOCP-R = 0.6 V
80
VXOCP-R = 0.8 V
120
USR voltage set (COCP-R pin
VUSR
mV
for CPU GOCP-R for GPU)
VXOCP-R = 1.0 V
160
VXOCP-R = 1.2 V
200
VXOCP-R = 1.4 V
240
VXOCP-R = 1.6 V
OFF
VOSR_ON/V USR enabled (both CPU and
GSKIP voltage at start-up
0.15
USR_ON
GPU)
USR OFF setting (both CPU
VUSR_OFF
GSKIP voltage at start-up
0.4
1.1
V
and GPU)
OSR OFF setting (both CPU
VOSR_OFF
GSKIP voltage at start-up
1.4
and GPU)
VOSRHYS
OSR/USR voltage hysteresis (5)
All settings
5
mV
(4)
Specified by design. Not production tested.
(5)
Specified by design. Not production tested.
8
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated


Similar Part No. - TPS59650RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS59650RSLT TI1-TPS59650RSLT Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
More results

Similar Description - TPS59650RSLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
TPS59650 TI-TPS59650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI-TPS51650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI1-TPS51650_17 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
logo
ON Semiconductor
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
logo
Texas Instruments
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
logo
ON Semiconductor
NCP6132AMNR2G ONSEMI-NCP6132AMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
March, 2012 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com