Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51640ARSLR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51640ARSLR
Description  Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51640ARSLR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS51640ARSLR Datasheet HTML 2Page - Texas Instruments TPS51640ARSLR Datasheet HTML 3Page - Texas Instruments TPS51640ARSLR Datasheet HTML 4Page - Texas Instruments TPS51640ARSLR Datasheet HTML 5Page - Texas Instruments TPS51640ARSLR Datasheet HTML 6Page - Texas Instruments TPS51640ARSLR Datasheet HTML 7Page - Texas Instruments TPS51640ARSLR Datasheet HTML 8Page - Texas Instruments TPS51640ARSLR Datasheet HTML 9Page - Texas Instruments TPS51640ARSLR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
TPS51640A, TPS59640, TPS59641
SLUSAQ2
– JANUARY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over recommended free-air temperature range, VV5 = VV5DRV = 5.0 V; VV3R3 = 3.3 V; VxGFB = VPGND = VGND, VxVFB = VCORE
(Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TIMERS: SLEW RATE, ISLEW, ADDR, ON-TIME AND I/O TIMING
VBOOT > 0 V, SLEWRATE = 12 mV/µs, no faults,
tSTARTUP1
Start-up time
time from VR_ON until the controller responds to
5
ms
SVID commands
SLEWRATE = 12mV/
µs, VR_ON goes ‘HI’,
SLSTRTSTP
xVFB slew soft-start / soft-stop
1.25
1.50
1.75
mV/
µs
VR_ON goes
‘LO = ‘Soft-stop’
VSLEWA
≤ 0.30V (Also disables SVID CLK timer)
10.0
12.0
14.5
VSLEWA = 0.4 V
3.5
4.0
5.0
VSLEWA = 0.6 V
7.5
8.5
9.5
0.75 V
≤ VSLEWA ≤ 0.85 V
10.0
12.0
14.5
SLSET
Slew rate setting
VSLEWA = 1.0 V
16
mV/
µs
VSLEWA = 1.2 V
20
VSLEWA = 1.4 V
23
VSLEWA = 1.6 V
26
VSLEWA ≥ 2.50 V
26
Time from xVFB out of +220 mV VDAC boundary
tPGDDGLTO
xPGOOD deglitch time
5
100
µs
to xPGOOD low.
Time from xVFB out of
–315 mV VDAC boundary
tPGDDGLTU
xPGOOD deglitch time
150
500
µs
to xPGOOD low.
TPS51640A
270
327
375
RCF=20 kΩ, VBAT=12 V, VDAC=1.1 V
TPS59640
(250 kHz)
265
327
380
TPS59641
TPS51640A
225
272
320
RCF=24 kΩ, VBAT=12 V, VDAC=1.1 V
TPS59640
(300 kHz)
220
272
325
TPS59641
TPS51640A
185
235
280
RCF=30 kΩ, VBAT=12 V, VDAC=1.1 V
TPS59640
(350 kHz)
180
235
285
TPS59641
TPS51640A
160
207
252
tTON_CPU
CPU on-time
RCF=39 kΩ, VBAT=12 V, VDAC=1.1 V
ns
TPS59640
(400 kHz)
155
207
262
TPS59641
TPS51640A
140
185
231
RCF=56 kΩ, VBAT=12 V, VDAC=1.1 V
TPS59640
(450 kHz)
134
185
241
TPS59641
TPS51640A
120
167
212
RCF=75 kΩ, VBAT=12 V, VDAC=1.1 V
TPS59640
(500 kHz)
115
167
217
TPS59641
RCF=100 kΩ, VBAT=12 V, VDAC=1.1 V (550 kHz)
109
152
198
RCF=150 kΩ, VBAT=12 V, VDAC=1.1 V (600 kHz)
105
140
177
6
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated


Similar Part No. - TPS51640ARSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51601A TI1-TPS51601A Datasheet
949Kb / 19P
[Old version datasheet]   Dual High Efficiency Synchronous MOSFET Driver
TPS51601ADRBR TI1-TPS51601ADRBR Datasheet
949Kb / 19P
[Old version datasheet]   Dual High Efficiency Synchronous MOSFET Driver
TPS51601ADRBT TI1-TPS51601ADRBT Datasheet
949Kb / 19P
[Old version datasheet]   Dual High Efficiency Synchronous MOSFET Driver
TPS51604 TI-TPS51604 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS51604 TI-TPS51604 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
More results

Similar Description - TPS51640ARSLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS59650 TI-TPS59650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI-TPS51650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI1-TPS51650_17 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
logo
ON Semiconductor
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
logo
Texas Instruments
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
TPS53659 TI1-TPS53659 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com