Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS59650 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS59650
Description  Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS59650 Datasheet(HTML) 5 Page - Texas Instruments

  TPS59650 Datasheet HTML 1Page - Texas Instruments TPS59650 Datasheet HTML 2Page - Texas Instruments TPS59650 Datasheet HTML 3Page - Texas Instruments TPS59650 Datasheet HTML 4Page - Texas Instruments TPS59650 Datasheet HTML 5Page - Texas Instruments TPS59650 Datasheet HTML 6Page - Texas Instruments TPS59650 Datasheet HTML 7Page - Texas Instruments TPS59650 Datasheet HTML 8Page - Texas Instruments TPS59650 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
TPS51650, TPS59650
www.ti.com
SLUSAV7
– JANUARY 2012
ELECTRICAL CHARACTERISTICS (continued)
over recommended free-air temperature range, VV5 = VV5DRV = 5.0 V; VV3R3 = 3.3 V; VxGFB = VPGND = VGND, VxVFB = VCORE
(Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SENSE: OVERCURRENT, ZERO CROSSING, VOLTAGE POSITIONING AND PHASE BALANCING
TPS51650
4.6
7.0
9.2
RxOCP-R = 20 kΩ
TPS59650
3.9
7.0
9.2
TPS51650
7.6
10.0
12.1
RxOCP-R = 24 kΩ
TPS59650
6.7
10.0
12.1
TPS51650
11.6
14.0
16.2
RxOCP-R = 30 kΩ
TPS59650
11.0
14.0
16.2
TPS51650
16.5
19.0
21.2
RxOCP-R = 39 kΩ
TPS59650
15.6
19.0
21.2
OCP voltage (valley current
VOCPP
mV
limit)
TPS51650
22.3
25.0
27.2
RxOCP-R = 56 kΩ
TPS59650
21.2
25.0
27.2
TPS51650
29.2
32.0
34.5
RxOCP-R = 75 kΩ
TPS59650
28.3
32.0
34.5
TPS51650
37.1
40.0
42.5
RxOCP-R = 100 kΩ
TPS59650
35.6
40.0
42.5
TPS51650
46.1
49.0
51.9
RxOCP-R = 150 kΩ
TPS59650
45.6
49.0
51.9
VIMAX_MIN = 133 mV, value of xIMAX,
20
A
VIMAX = VREF × IMAX / 255
VIMAX
IMAX values both channels
VIMAX_MAX = 653mV, value of xIMAX
98
A
ICS
CS pin input bias current
CSPx and CSNx
–1.0
0.2
1.0
µA
xVFB input bias current,
IxVFBDQ
End of soft-stop, xVFB = 100 mV
90
125
180
µA
discharge
TPS51650
486
497
518
Droop amplifier
GM-DROOP
xVFB = 1 V
µS
transconductance
TPS59650
480
497
518
(VCSP1 – VCSN1) = (VCSP2 – VCSN2) =
IBAL_TOL
Internal current share tolerance
–3%
+3%
(VCSP3 – VCSN3) = VOCPP_MIN
ACSINT
Internal current sense gain
Gain from CSPx
– CSNx to PWM comparator
11.65
12.00
12.30
V/V
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS59650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS59650 TI1-TPS59650 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS59650RSLR TI1-TPS59650RSLR Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS59650RSLT TI1-TPS59650RSLT Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS59650 TI-TPS59650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
More results

Similar Description - TPS59650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
TPS59650 TI-TPS59650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI-TPS51650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI1-TPS51650_17 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
logo
ON Semiconductor
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
logo
Texas Instruments
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
logo
ON Semiconductor
NCP6132AMNR2G ONSEMI-NCP6132AMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
March, 2012 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com