Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51601ADRBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51601ADRBR
Description  Dual High Efficiency Synchronous MOSFET Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51601ADRBR Datasheet(HTML) 4 Page - Texas Instruments

  TPS51601ADRBR Datasheet HTML 1Page - Texas Instruments TPS51601ADRBR Datasheet HTML 2Page - Texas Instruments TPS51601ADRBR Datasheet HTML 3Page - Texas Instruments TPS51601ADRBR Datasheet HTML 4Page - Texas Instruments TPS51601ADRBR Datasheet HTML 5Page - Texas Instruments TPS51601ADRBR Datasheet HTML 6Page - Texas Instruments TPS51601ADRBR Datasheet HTML 7Page - Texas Instruments TPS51601ADRBR Datasheet HTML 8Page - Texas Instruments TPS51601ADRBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TPS51601A
SLUSAP3 – MAY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VVDD = 5.0 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY, UNDERVOLTAGE LOCKOUT
PWM = HI
160
220
IVDD
VDD bias current
PWM = LO
500
µA
PWM = float
50
VUVLO(h)
VDD UVLO ‘OK’ threshold
3.5
3.7
3.9
V
VUVLO(l)
VDD UVLO fault threshold
3.3
3.5
3.7
V
VUVLO(hys)
VDD UVLO hysteresis
0.2
V
PWM INPUT
VIH(pwm)
HIGH-level PWM input
4.0
V
VIL(pwm)
LOW-level PWM input
0.7
V
RVDD-PWM
VDD-to-PWM resistance
30
k
Ω
RPWM-GND
PWM-to-GND resistance
20
k
Ω
VPWM(tri)
PWM tri-state voltage
PWM floating
1.5
2.5
V
SKIP INPUT
VIH(skip)
HIGH-level SKIP input logic
2.2
V
VIL(skip)
LOW-level SKIP input logic
0.7
V
ILSKIP-GND
SKIP-to-GND leakage
VSKIP = 5 V
2
µA
GATE DRIVE OUTPUT
Source resistance, (VBST –VLL) = 5 V,
1.0
2.5
HIGH-state (VBST – VDRVH) = 0.1 V
RDRVH
DRVH on resistance
Ω
Sink resistance, (VBST –VLL) = 5 V,
0.5
1.5
LOW-state (VDRVH – VLL) = 0.1 V
Source resistance, (VVDD – GND) = 5 V,
0.8
1.5
HIGH-state, VVDD – VDRVL) = 0.1V
RDRVL
DRVL on resistance
Ω
Sink resistance, VDD – GND = 5 V
0.4
1.0
LOW-state, VDRVL – GND = 0.1 V
TIMING CHARACTERISTICS
DRVH rising, CDRVH = 3.3 nF
15
35
tDRVH
DRVH transition time
ns
DRVH falling, CDRVH = 3.3 nF
10
35
DRVL rising, CDRVL = 3.3 nF
15
35
tDRVL
DRVL transition time
ns
DRVL, falling, CDRVL = 3.3 nF
10
35
DRVH LOW to DRVL HIGH
5
20
tNONOVLP
Driver non-overlap time
ns
DRVL LOW to DRVH HIGH
5
20
DCM mode: PWM rising to DRVH rising
25
tDLY(rise)
PWM rising to drive output delay
ns
CCM mode: PWM rising to DRVL falling
25
tDLY(fall)
PWM falling to drive output delay
PWM falling to DRVH falling
25
ns
tDLY1
3-state propagation delay to LOW
PWM floating to PWM LOW
40
ns
tDLY2
3-state propagation delay to HIGH
PWM floating ti PWM HIGH
50
ns
tTS(hold)
3-state hold-off time
PWM entering tri-state from HIGH or LOW
150
ns
tSKIP(pdh)
SKIP LOW-to-HIGH propagation delay
15
ns
tSKIP(pdl)
SKIP HIGH-to-LOW propagation delay
15
ns
tDRVH(min)
Minimum DRVH width
80
ns
Minimum DRVL width before Zero-crossing
tDRVL(min)
Minimum DRVL width
400
500
ns
can turn OFF DRVL
BOOT-STRAP SWITCH (BST)
RBST
BST switch on-resistance
IBST = 10 mA
4
10
20
Ω
IBST(leak)
BST switch leakage current
VBST = 34 V, VSW = 28 V
2
µA
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS51601A


Similar Part No. - TPS51601ADRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51604 TI-TPS51604 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS51604 TI-TPS51604 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS51604-Q1 TI-TPS51604-Q1 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS51604-Q1 TI-TPS51604-Q1_15 Datasheet
994Kb / 23P
[Old version datasheet]   TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
TPS51604DSGR TI-TPS51604DSGR Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
More results

Similar Description - TPS51601ADRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC27221 TI1-UC27221 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27221 TI-UCC27221 Datasheet
488Kb / 27P
[Old version datasheet]   HIGH EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
UCC27221 TI1-UCC27221_15 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-EFFICIENCY PREDICTIVE SYNCHRONOUS BUCK DRIVER
logo
Microchip Technology
MCP14700 MICROCHIP-MCP14700 Datasheet
371Kb / 26P
   Dual Input Synchronous MOSFET Driver
2009
MCP14700 MICROCHIP-MCP14700_13 Datasheet
688Kb / 28P
   Dual Input Synchronous MOSFET Driver
11/29/12
logo
ON Semiconductor
NCP81152 ONSEMI-NCP81152 Datasheet
83Kb / 8P
   Synchronous Buck Dual MOSFET Driver
January, 2015 ??Rev. 2
logo
Richtek Technology Corp...
RT9625A RICHTEK-RT9625A Datasheet
212Kb / 14P
   Dual-Channel Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
   Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
logo
Richtek Technology Corp...
RT9625B RICHTEK-RT9625B Datasheet
200Kb / 14P
   Dual-Channel Synchronous Rectified MOSFET Driver
RT9625A RICHTEK-RT9625A_15 Datasheet
175Kb / 14P
   Dual-Channel Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com