Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71518DCKRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71518DCKRG4
Description  50 mA, 24 V, 3.2-mA Supply Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71518DCKRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS71518DCKRG4 Datasheet HTML 1Page - Texas Instruments TPS71518DCKRG4 Datasheet HTML 2Page - Texas Instruments TPS71518DCKRG4 Datasheet HTML 3Page - Texas Instruments TPS71518DCKRG4 Datasheet HTML 4Page - Texas Instruments TPS71518DCKRG4 Datasheet HTML 5Page - Texas Instruments TPS71518DCKRG4 Datasheet HTML 6Page - Texas Instruments TPS71518DCKRG4 Datasheet HTML 7Page - Texas Instruments TPS71518DCKRG4 Datasheet HTML 8Page - Texas Instruments TPS71518DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TYPICAL CHARACTERISTICS
3.290
3.295
3.300
3.305
3.310
3.315
3.320
0
10
20
30
40
50
IO − Output Current − mA
VIN = 4.3 V
COUT = 1 µF
TJ = 25°C
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ − Junction Temperature − °C
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
VIN = 4.3 V
COUT = 1 µF
IOUT = 50 mA
IOUT = 1 mA
2
2.5
3
3.5
4
4.5
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ − Junction Temperature − °C
VIN = 4.3 V
VOUT = 3.3 V
IOUT = 1 µF
100
1 k
10 k
100 k
f − Frequency − Hz
IOUT = 1 mA
IOUT = 50 mA
0
1
2
3
4
5
6
7
8
VIN = 4.3 V
VOUT = 3.3 V
COUT = 1 µF
f − Frequency − Hz
14
8
0
12
2
4
10
VIN = 4.3 V
VOUT = 3.3 V
COUT = 1 µF
TJ = 25°C
IOUT = 1 mA
100
1 M
10
1k
10k
100k
10 M
IOUT = 50 mA
6
16
18
0
100
200
300
400
500
600
0
10
20
30
40
50
TJ = 125°C
TJ = 25°C
TJ = −40°C
VIN = 3.2 V
COUT = 1 µF
IOUT − Output Current − mA
0
0.1
0.2
0.4
0.5
0.6
0.7
0.8
0.9
1
0
3
6
9
12
15
VIN − Input Voltage − V
IOUT = 50 mA
TJ = 25°C
TJ = −40°C
TJ = 125°C
0.3
TJ − Junction Temperature − °C
−40
5
−25
20 35
65
110 125
50
−10
80 95
VIN = 3.2 V
IOUT = 50 mA
IOUT = 10 mA
0
100
200
300
400
500
600
f − Frequency − Hz
0
80
50
10
70
20
30
60
VIN = 4.3 V
VOUT = 3.3 V
COUT = 10 µF
TJ = 25°C
IOUT = 1 mA
100
1 M
10
1k
10k
100k
10 M
IOUT = 50 mA
40
90
100
TPS715xx
www.ti.com .................................................................................................................................................... SLVS338P – MAY 2001 – REVISED NOVEMBER 2008
OUTPUT VOLTAGE
OUTPUT VOLTAGE
QUIESCENT CURRENT
vs
vs
vs
OUTPUT CURRENT
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 3.
Figure 4.
Figure 5.
OUTPUT SPECTRAL
NOISE DENSITY
OUTPUT IMPEDANCE
DROPOUT VOLTAGE
vs
vs
vs
FREQUENCY
FREQUENCY
OUTPUT CURRENT
Figure 6.
Figure 7.
Figure 8.
TPS71501
POWER-SUPPLY
DROPOUT VOLTAGE
DROPOUT VOLTAGE
RIPPLE REJECTION
vs
vs
vs
INPUT VOLTAGE
JUNCTION TEMPERATURE
FREQUENCY
Figure 9.
Figure 10.
Figure 11.
Copyright © 2001–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS71518DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71518DCKRG4 TI-TPS71518DCKRG4 Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71518DCKRG4 TI1-TPS71518DCKRG4 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71518DCKRG4 TI-TPS71518DCKRG4 Datasheet
3Mb / 29P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS71518DCKRG4 TI-TPS71518DCKRG4 Datasheet
3Mb / 30P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS71518DCKRG4 TI1-TPS71518DCKRG4 Datasheet
3Mb / 32P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results

Similar Description - TPS71518DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI-TPS715 Datasheet
294Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
TPS715 TI1-TPS715_17 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-Q1 TI-TPS71501-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS71530-Q1 TI-TPS71530-Q1_15 Datasheet
811Kb / 16P
[Old version datasheet]   50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulators in SC70 Package
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com