Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3700DDCR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3700DDCR
Description  Window Comparator for Over- and Undervoltage Detection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3700DDCR Datasheet(HTML) 2 Page - Texas Instruments

  TPS3700DDCR Datasheet HTML 1Page - Texas Instruments TPS3700DDCR Datasheet HTML 2Page - Texas Instruments TPS3700DDCR Datasheet HTML 3Page - Texas Instruments TPS3700DDCR Datasheet HTML 4Page - Texas Instruments TPS3700DDCR Datasheet HTML 5Page - Texas Instruments TPS3700DDCR Datasheet HTML 6Page - Texas Instruments TPS3700DDCR Datasheet HTML 7Page - Texas Instruments TPS3700DDCR Datasheet HTML 8Page - Texas Instruments TPS3700DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPS3700
SBVS187B – FEBRUARY 2012 – REVISED APRIL 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
DESCRIPTION
yyy is package designator
TPS3700yyyz
z is package quantity
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
MIN
MAX
UNIT
VDD
–0.3
+20
V
Voltage(2)
VOUTA, VOUTB
–0.3
+20
V
VINA+, VINB–
–0.3
+7
V
Current
Output pin current
40
mA
Operating junction, TJ
–40
+125
°C
Temperature
Storage, Tstg
–65
+150
°C
Human body model (HBM)
2
kV
Electrostatic discharge (ESD) rating(3)
Charge device model (CDM)
500
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
(3)
ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL INFORMATION
TPS3700
THERMAL METRIC(1)
DDC (SOT23)
UNITS
6 PINS
θJA
Junction-to-ambient thermal resistance
204.6
θJCtop
Junction-to-case (top) thermal resistance
50.5
θJB
Junction-to-board thermal resistance
54.3
°C/W
ψJT
Junction-to-top characterization parameter
0.8
ψJB
Junction-to-board characterization parameter
52.8
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS3700


Similar Part No. - TPS3700DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700DDCR TI-TPS3700DDCR Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700DDCR2 TI-TPS3700DDCR2 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
More results

Similar Description - TPS3700DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
[Old version datasheet]   TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TPS3701 TI-TPS3701_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
TPS3700 TI-TPS3700_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
Linear Technology
LTC1042 LINER-LTC1042 Datasheet
576Kb / 8P
   Window Comparator
LTC1042 LINER-LTC1042_09 Datasheet
172Kb / 8P
   Window Comparator
LTC1042 LINER-LTC1042_15 Datasheet
123Kb / 8P
   Window Comparator
logo
ON Semiconductor
MC3425 ONSEMI-MC3425 Datasheet
170Kb / 12P
   POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com