Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2378DDA Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2378DDA
Description  IEEE 802.3at PoE High-Power PD Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2378DDA Datasheet(HTML) 3 Page - Texas Instruments

  TPS2378DDA Datasheet HTML 1Page - Texas Instruments TPS2378DDA Datasheet HTML 2Page - Texas Instruments TPS2378DDA Datasheet HTML 3Page - Texas Instruments TPS2378DDA Datasheet HTML 4Page - Texas Instruments TPS2378DDA Datasheet HTML 5Page - Texas Instruments TPS2378DDA Datasheet HTML 6Page - Texas Instruments TPS2378DDA Datasheet HTML 7Page - Texas Instruments TPS2378DDA Datasheet HTML 8Page - Texas Instruments TPS2378DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS2378
www.ti.com
SLVSB99A – MARCH 2012 – REVISED MARCH 2012
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range and voltages with respect to VSS (unless otherwise noted)
MIN
NOM
MAX
UNIT
RTN, VDD
0
57
Input voltage range
APD to RTN
0
18
V
CDB, T2P to RTN
0
57
RTN
0.85
A
Sinking current
CDB, T2P
2
mA
Resistance
CLS(1)
60
Ω
Junction temperature
–40
125
°C
(1)
Voltage should not be externally applied to this pin.
ELECTRICAL CHARACTERISTICS
40 V
≤ VVDD ≤ 57 V, RDEN = 24.9 kΩ, VCDB, VCLS, and VT2P open; VAPD = VRTN; –40°C ≤ TJ ≤ 125°C. Positive currents are into
pins. Typical values are at 25°C. All voltages are with respect to VVSS unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DETECTION (DEN)
DEN open, VVDD = 10.1 V, Measure ISUPPLY(VDD, RTN,
Bias current
3
4.8
12
µA
DEN), Not in mark
Measure ISUPPLY(VDD, RTN, DEN), VDD = 1.4 V
53.8
56.5
58.3
Detection current
µA
Measure ISUPPLY(VDD, RTN, DEN), VDD = 10.1 V, Not in
395
410
417
mark
Disable threshold
DEN falling
3
3.7
5
V
VPD_DIS
Hysteresis
50
113
200
mV
AUXILIARY POWER DETECTION (APD)
VAPDEN
VAPD rising, measure to VRTN
1.40
1.50
1.60
Voltage threshold
V
VAPDH
Hysteresis, measure to VRTN
0.27
0.30
0.33
Sinking current
V(APD–RTN) = 5 V, measure IAPD
1
1.73
3
µA
CLASSIFICATION (CLS)
13 V
≤ VVDD ≤ 21 V, Measure IVDD + IDEN + IRTN
RCLS = 1270 Ω
1.8
2.17
2.6
RCLS = 243 Ω
9.9
10.6
11.2
ICLS
Classification current
RCLS = 137 Ω
17.6
18.6
19.4
mA
RCLS = 90.9 Ω
26.5
27.9
29.3
RCLS = 63.4 Ω
38
39.9
42.0
VCL_ON
VVDD rising, ICLS
11.9
12.5
13.0
Class lower threshold
V
VCL_H
Hysteresis
1.4
1.6
1.7
VCU_ON
VVDD rising, ICLS
21
22
23
Class upper threshold
V
VCU_H
Hysteresis
0.5
0.78
0.9
VMSR
Mark reset threshold
VVDD falling
3
3.9
5
V
Mark state resistance
2-point measurement at 5 V and 10.1 V
6
10
12
k
Ω
Leakage current
VVDD = 57 V, VCLS = 0 V, measure ICLS
1
µA
PASS DEVICE (RTN)
rDS(on)
On resistance
0.2
0.42
0.75
Ω
Input bias current
VVDD = VRTN = 30 V, measure IRTN
30
µA
Current limit
VRTN =1.5 V
0.85
1
1.2
A
Inrush current limit
VRTN = 2 V, VVDD: 20 V → 48 V
100
140
180
mA
Inrush termination
Percentage of inrush current
80%
90%
99%
Foldback threshold
VRTN rising
11
12.3
13.6
V
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2378


Similar Part No. - TPS2378DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23785B TI-TPS23785B Datasheet
1Mb / 47P
[Old version datasheet]   High-Power, High-Efficiency PoE PD and DC-to-DC Controller
TPS23785BPWP TI-TPS23785BPWP Datasheet
1Mb / 47P
[Old version datasheet]   High-Power, High-Efficiency PoE PD and DC-to-DC Controller
TPS23785BPWPR TI-TPS23785BPWPR Datasheet
1Mb / 47P
[Old version datasheet]   High-Power, High-Efficiency PoE PD and DC-to-DC Controller
More results

Similar Description - TPS2378DDA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
Texas Instruments
TPS2379 TI1-TPS2379 Datasheet
648Kb / 30P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface with External Gate Driver
logo
STMicroelectronics
STEVAL-TSP009V2 STMICROELECTRONICS-STEVAL-TSP009V2 Datasheet
311Kb / 7P
   IEEE 802.3at compliant PD interface
April 2015 Rev 1
PM8803TR STMICROELECTRONICS-PM8803TR Datasheet
836Kb / 34P
   High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
PM8801 STMICROELECTRONICS-PM8801 Datasheet
1Mb / 37P
   High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
July 2013 Rev 2
logo
List of Unclassifed Man...
SI3462-E01 ETC2-SI3462-E01 Datasheet
226Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
Skyworks Solutions Inc.
SI3462 SKYWORKS-SI3462 Datasheet
814Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
Rev. 1.0
logo
Silicon Laboratories
SI3461 SILABS-SI3461 Datasheet
207Kb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
SI3462 SILABS-SI3462 Datasheet
1Mb / 24P
   SINGLE-PORT IEEE 802.3AT POE/POE PSE INTERFACE
logo
ON Semiconductor
NCP1095 ONSEMI-NCP1095 Datasheet
396Kb / 17P
   PoE-PD Interface Controller, IEEE 802.3bt
June, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com