Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS799L57YZYR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS799L57YZYR
Description  200-mA, Low-Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS799L57YZYR Datasheet(HTML) 5 Page - Texas Instruments

  TPS799L57YZYR Datasheet HTML 1Page - Texas Instruments TPS799L57YZYR Datasheet HTML 2Page - Texas Instruments TPS799L57YZYR Datasheet HTML 3Page - Texas Instruments TPS799L57YZYR Datasheet HTML 4Page - Texas Instruments TPS799L57YZYR Datasheet HTML 5Page - Texas Instruments TPS799L57YZYR Datasheet HTML 6Page - Texas Instruments TPS799L57YZYR Datasheet HTML 7Page - Texas Instruments TPS799L57YZYR Datasheet HTML 8Page - Texas Instruments TPS799L57YZYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5.6
5.65
5.7
5.75
5.8
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
IOUT = 10 mA
IOUT = 250 mA
G009
5.8
5.75
5.7
5.65
5.6
0
50
100
150
200
250
Output Current (mA)
+125 C
°
+85°C
+25°C
40°C
-
140
120
100
80
60
40
20
0
0
50
100
150
200
250
Output Current (mA)
+125°C
+85°C
+25°C
40°C
-
200
180
160
140
120
100
80
60
40
20
0
2.7
3.3
3.9
4.5
5.1
5.5
V
(
IN V)
+125°C
+85°C
+25°C
40°C
-
2.9 3.1
3.5 3.7
4.1 4.3
4.7 4.9
5.3
47
46
45
44
43
42
41
40
39
0
50
100
150
200
250
Output Current (mA)
+125°C
+85°C
+25°C
-40°C
60
50
40
30
20
10
0
2.5
3.0
4.5
5.5
6.5
V
(V)
IN
7.0
3.5
4.0
5.0
6.0
I
= 200 mA
OUT
I
= 500 A
m
OUT
TPS799L
www.ti.com
SBVS191 – APRIL 2012
TYPICAL CHARACTERISTICS
Over operating temperature range (TJ= –40°C to +125°C), VIN = VOUT(TYP) + 0.3 V or 2.7 V, whichever is greater; IOUT = 1 mA, VEN = VIN,
COUT = 2.2 μF, CNR = 0.01μF, unless otherwise noted. Typical values are at TJ = +25°C.
LOAD REGULATION
OUTPUT VOLTAGE
(VIN = 6.5 V)
vs JUNCTION TEMPERATURE (TPS799Axx)
Figure 2.
Figure 3.
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs OUTPUT CURRENT
vs INPUT VOLTAGE, IOUT = 250mA
Figure 4.
Figure 5.
GROUND PIN CURRENT
GROUND PIN CURRENT vs OUTPUT CURRENT
vs INPUT VOLTAGE
(VIN = 6.5 V)
Figure 6.
Figure 7.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS799L57YZYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799L57YZYR TI1-TPS799L57YZYR Datasheet
899Kb / 22P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator with Built-In Inrush Current Protection
More results

Similar Description - TPS799L57YZYR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303 AD-ADP3303 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV742P TI1-TLV742P_18 Datasheet
538Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com