Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A7100RGWT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A7100RGWT
Description  1-A, Fast-Transient, Low-Dropout Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A7100RGWT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7A7100RGWT Datasheet HTML 2Page - Texas Instruments TPS7A7100RGWT Datasheet HTML 3Page - Texas Instruments TPS7A7100RGWT Datasheet HTML 4Page - Texas Instruments TPS7A7100RGWT Datasheet HTML 5Page - Texas Instruments TPS7A7100RGWT Datasheet HTML 6Page - Texas Instruments TPS7A7100RGWT Datasheet HTML 7Page - Texas Instruments TPS7A7100RGWT Datasheet HTML 8Page - Texas Instruments TPS7A7100RGWT Datasheet HTML 9Page - Texas Instruments TPS7A7100RGWT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
SNS
FB
PG
50mV
1
2
3
4
EN
SS
1.6V
800mV
12
11
10
9
Thermal Pad
OUT
SNS
FB
PG
50mV
IN
EN
SS
NC
1.6V
1
2
3
4
5
15
14
13
12
11
Thermal Pad
TPS7A7100
SBVS189C – MARCH 2012 – REVISED MAY 2012
www.ti.com
PIN CONFIGURATIONS
RGT PACKAGE
RGW PACKAGE
3-mm × 3-mm QFN-16
5-mm × 5-mm QFN-20
(TOP VIEW)
(TOP VIEW)
PIN DESCRIPTIONS
NAME
RGW
RGT
DESCRIPTION
50mV,
100mV,
Output voltage setting pins. These pins should be connected to ground or left floating. Connecting these
200mV,
5, 6, 7,
4, 5, 6,
pins to ground increases the output voltage by the value of the pin name; multiple pins can be
400mV,
9, 10, 11
8, 9, 10 simultaneously connected to GND to select the desired output voltage. Leave these pins floating (open)
800mV,
when not in use. See the USER-CONFIGURABLE OUTPUT VOLTAGE section for more details.
1.6V
Enable pin. Driving this pin to logic high enables the device; driving the pin to logic low disables the device.
EN
14
12
See the ENABLE AND SHUTDOWN THE DEVICE section for more details.
Output voltage feedback pin. Connected to the error amplifier. See the USER-CONFIGURABLE OUTPUT
FB
3
2
VOLTAGE and TRADITIONAL ADJUSTABLE CONFIGURATION sections for more details.
GND
8, 18
7
Ground pin.
15, 16,
Unregulated supply voltage pin. It is recommended to connect an input capacitor to this pin. See INPUT
IN
13, 14
17
CAPACITOR REQUIREMENTS for more details.
Not internally connected. The NC pin is not connected to any electrical node. It is strongly recommended to
NC
12
connect this pin and the thermal pad to a large-area ground plane. See the Power Dissipation section for
more details.
Regulated output pin. A 4.7-
μF or larger capacitance is required for stability. See OUTPUT CAPACITOR
OUT
1, 19, 20
15, 16
REQUIREMENTS for more details.
Active-high power good pin. An open-drain output that indicates when the output voltage reaches 90% of
PG
4
3
the target. See POWER GOOD for more details.
Output voltage sense input pin. See the USER-CONFIGURABLE OUTPUT VOLTAGE and TRADITIONAL
SNS
2
1
ADJUSTABLE CONFIGURATION sections for more details.
Soft-start pin. Leaving this pin open provides soft-start of the default setting.
Connecting an external capacitor between this pin and the ground enables the soft-start function by
SS
13
11
forming an RC-delay circuit in combination with the integrated resistance on the silicon. See the SOFT-
START section for more details.
It is strongly recommended to connect the thermal pad to a large-area ground plane. If available, connect
Thermal Pad
an electrically-floating, dedicated thermal plane to the thermal pad as well.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - TPS7A7100RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A7100 TI-TPS7A7100_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS7A7100 1-A, Fast-Transient, Low-Dropout Voltage Regulator
More results

Similar Description - TPS7A7100RGWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A7100 TI-TPS7A7100_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS7A7100 1-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
[Old version datasheet]   3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
[Old version datasheet]   3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200-EP TI-TPS7A7200-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   2-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200 TI-TPS7A7200_15 Datasheet
1Mb / 32P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
[Old version datasheet]   Fast-Transient, Low-Dropout Voltage Regulator
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com