Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A1650DGNR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A1650DGNR
Description  60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A1650DGNR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7A1650DGNR Datasheet HTML 2Page - Texas Instruments TPS7A1650DGNR Datasheet HTML 3Page - Texas Instruments TPS7A1650DGNR Datasheet HTML 4Page - Texas Instruments TPS7A1650DGNR Datasheet HTML 5Page - Texas Instruments TPS7A1650DGNR Datasheet HTML 6Page - Texas Instruments TPS7A1650DGNR Datasheet HTML 7Page - Texas Instruments TPS7A1650DGNR Datasheet HTML 8Page - Texas Instruments TPS7A1650DGNR Datasheet HTML 9Page - Texas Instruments TPS7A1650DGNR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
0
10
20
30
40
50
0
10
20
30
40
50
60
Input Voltage (V)
− 40°C
+ 25°C
+ 85°C
+ 105°C
+ 125°C
IOUT = 0mA
0
1
2
3
4
5
6
7
8
9
10
0
10
20
30
40
50
60
Input Voltage (V)
− 40°C
+ 25°C
+ 85°C
+ 105°C
+ 125°C
VEN = 0.4V
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
Output Current (mA)
− 40°C
+ 25°C
+ 85°C
+ 105°C
+ 125°C
0
100
200
300
400
500
600
700
800
900
1000
0
20
40
60
80
100
Output Current (mA)
− 40°C
+ 25°C
+ 85°C
+ 105°C
+ 125°C
1.094
1.144
1.194
1.244
1.294
0
10
20
30
40
50
60
Input Voltage (V)
− 40°C
+ 25°C
+ 85°C
+ 105°C
+ 125°C
−10
−7.5
−5
−2.5
0
2.5
5
7.5
10
0
10
20
30
40
50
60
Input Voltage (V)
− 40°C
+ 25°C
+ 85°C
+ 105°C
+ 125°C
TPS7A16
SBVS171A
– DECEMBER 2011 – REVISED DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
At TJ = –40°C to +125°C, VIN = VOUT(NOM) + 0.5 V or VIN = 3.0 V (whichever is greater), VEN = VIN, IOUT = 10 µA, CIN = 1 μF,
COUT = 2.2 μF, and FB tied to OUT, unless otherwise noted.
QUIESCENT CURRENT vs INPUT VOLTAGE
SHUTDOWN CURRENT vs INPUT VOLTAGE
Figure 1.
Figure 2.
GROUND CURRENT vs OUTPUT CURRENT
DROPOUT VOLTAGE vs OUTPUT CURRENT
Figure 3.
Figure 4.
FEEDBACK VOLTAGE vs INPUT VOLTAGE
LINE REGULATION
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS7A16


Similar Part No. - TPS7A1650DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A1650DGNR TI1-TPS7A1650DGNR Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A1650DGNR TI-TPS7A1650DGNR Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1650DGNR TI-TPS7A1650DGNR Datasheet
1Mb / 14P
[Old version datasheet]   XTR111 Demonstration Fixture Users Guide
Revised April 2013
More results

Similar Description - TPS7A1650DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A1601-Q1 TI1-TPS7A1601-Q1 Datasheet
945Kb / 26P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR With Enable and Power-Good
TPS7A1601 TI1-TPS7A1601 Datasheet
765Kb / 22P
[Old version datasheet]   60-V, 5-關A IQ, 100-mA, Low-Dropout VOLTAGE REGULATOR with Enable and Power-Good
TPS7A16 TI-TPS7A16_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS7A16 60-V, 5-關A IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1650-Q1 TI-TPS7A1650-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI-TPS7A1601-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1633-Q1 TI-TPS7A1633-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS7A16xx-Q1 60-V, 5-?a IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A1601-Q1 TI1-TPS7A1601-Q1_17 Datasheet
1Mb / 29P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
TPS7A16A-Q1 TI1-TPS7A16A-Q1 Datasheet
540Kb / 24P
[Old version datasheet]   60-V, 5-uA IQ, 100-mA, low-dropout voltage regulator with enable and power-good
logo
ON Semiconductor
NCP662 ONSEMI-NCP662 Datasheet
70Kb / 10P
   100 mA CMOS Low Iq Low-Dropout Voltage Regulator
March, 2005 ??Rev. 1
logo
Texas Instruments
TPS7A16A TI-TPS7A16A Datasheet
1Mb / 25P
[Old version datasheet]   TPS7A16A 60-V, 5-μA IQ, 100-mA, Low-Dropout Voltage Regulator With Enable and Power-Good
MAY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com