Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV71733PDBVT Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV71733PDBVT
Description  150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71733PDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV71733PDBVT Datasheet HTML 5Page - Texas Instruments TLV71733PDBVT Datasheet HTML 6Page - Texas Instruments TLV71733PDBVT Datasheet HTML 7Page - Texas Instruments TLV71733PDBVT Datasheet HTML 8Page - Texas Instruments TLV71733PDBVT Datasheet HTML 9Page - Texas Instruments TLV71733PDBVT Datasheet HTML 10Page - Texas Instruments TLV71733PDBVT Datasheet HTML 11Page - Texas Instruments TLV71733PDBVT Datasheet HTML 12Page - Texas Instruments TLV71733PDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
TLV717xx
TLV717xxP
www.ti.com
SBVS176A – OCTOBER 2011 – REVISED APRIL 2012
APPLICATION INFORMATION
The TLV717xx belongs to a new family of next-generation value low-dropout (LDO) regulators. These devices
consume low quiescent current and deliver excellent line and load transient performance. These characteristics,
combined with low noise, very good PSRR with little (VIN – VOUT) headroom, make this family of devices ideal for
RF portable applications.
This family of regulators offers current foldback. Device operating junction temperature is –40°C to +125°C.
INPUT AND OUTPUT CAPACITOR REQUIREMENTS
X5R- and X7R-type ceramic capacitors are recommended because these capacitors have minimal variation in
value and equivalent series resistance (ESR) over temperature. The TLV717xx is designed to be stable with an
effective capacitance of 0.1 µF or larger at the output, though a 1-µF ceramic capacitor is recommended for
typical applications. Thus, the device is stable with capacitors of other dielectric types as well, as long as the
effective capacitance under operating bias voltage and temperature is greater than 0.1 µF. This effective
capacitance refers to the capacitance that the LDO detects under operating bias voltage and temperature
conditions; that is, the capacitance after taking both bias voltage and temperature derating into consideration. In
addition to allowing the use of cheaper dielectrics, this capability of being stable with 0.1-µF effective capacitance
also enables the use of smaller footprint capacitors that have higher derating in size- and space-constrained
applications. Note that using a 0.1-µF rated capacitor at the LDO output does not ensure stability because the
effective capacitance under the specified operating conditions would be less than 0.1 µF. Maximum ESR should
be less than 200 m
Ω.
Although an input capacitor is not required for stability, it is good analog design practice to connect a 0.1-µF to
1.0-µF, low ESR capacitor across the IN and GND pins of the regulator. This capacitor counteracts reactive input
sources and improves transient response, noise rejection, and ripple rejection. A higher-value capacitor may be
necessary if large, fast, rise-time load transients are anticipated, or if the device is not located close to the power
source. If source impedance is more than 2
Ω, a 0.1-µF input capacitor may be necessary to ensure stability.
BOARD LAYOUT RECOMMENDATIONS TO IMPROVE PSRR AND NOISE PERFORMANCE
Input and output capacitors should be placed as close to the device pins as possible. To improve ac performance
(such as PSRR, output noise, and transient response), it is recommended that the board be designed with
separate ground planes for VIN and VOUT, with the ground plane connected only at the device GND pin. In
addition, the output capacitor ground connection should be connected directly to the device GND pin. High ESR
capacitors may degrade PSRR performance.
INTERNAL CURRENT LIMIT
The TLV717xx has an internal foldback current limit that helps to protect the regulator during fault conditions. The
current supplied by the device is gradually throttled down as the output voltage decreases. When the output is
shorted, the LDO supplies a typical current of 40 mA. Output voltage is not regulated when the device is in
current limit, and is VOUT = ILIMIT × RLOAD. The advantage of foldback current limit is that the ILIMIT value is less
than the fixed current limit. Therefore, the power that the PMOS pass transistor dissipates [(VIN – VOUT) × ILIMIT] is
much less.
The TLV717xx PMOS pass element has a built-in body diode that conducts current when the voltage at OUT
exceeds the voltage at IN. This current is not limited, so if extended reverse voltage operation is anticipated,
external limiting to 5% of the rated output current is recommended.
SHUTDOWN
The enable pin (EN) is active high. The device is enabled when the voltage at the EN pin goes above 0.9 V. This
relatively lower voltage value required to turn the LDO on can be exploited to power the LDO with a GPIO of
recent processors whose GPIO logic 1 voltage level is lower than traditional microcontrollers. The device is
turned off when the EN pin is held at less than 0.4 V. When shutdown capability is not required, EN can be
connected to the IN pin.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLV717xx TLV717xxP


Similar Part No. - TLV71733PDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71733PDQNR TI1-TLV71733PDQNR Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV71733PDQNT TI1-TLV71733PDQNT Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
More results

Similar Description - TLV71733PDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com