Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD13S523 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPD13S523
Description  13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD13S523 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPD13S523 Datasheet HTML 4Page - Texas Instruments TPD13S523 Datasheet HTML 5Page - Texas Instruments TPD13S523 Datasheet HTML 6Page - Texas Instruments TPD13S523 Datasheet HTML 7Page - Texas Instruments TPD13S523 Datasheet HTML 8Page - Texas Instruments TPD13S523 Datasheet HTML 9Page - Texas Instruments TPD13S523 Datasheet HTML 10Page - Texas Instruments TPD13S523 Datasheet HTML 11Page - Texas Instruments TPD13S523 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
0
10
20
30
40
50
60
70
80
90
100
Time - S
m
V5VS
V5VO
-1
0
1
2
3
4
5
6
7
8
9
10
Voltage - V
1
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1
TPD13S523
SLVSBC5A – MARCH 2012 – REVISED MAY 2012
www.ti.com
Figure 9. IV Curve on Signal Pins
Figure 10. Load Switch Start-up Transient Waveform. Cin=1µF, Cout=1µF, ISWITCH=55mA, TA=25°C
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :TPD13S523


Similar Part No. - TPD13S523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD13S523PWR TI1-TPD13S523PWR Datasheet
1Mb / 23P
[Old version datasheet]   13-Channel ESD Protection Solution
TPD13S523RSVR TI1-TPD13S523RSVR Datasheet
1Mb / 23P
[Old version datasheet]   13-Channel ESD Protection Solution
TPD13S523 TI1-TPD13S523_15 Datasheet
1Mb / 23P
[Old version datasheet]   13-Channel ESD Protection Solution
More results

Similar Description - TPD13S523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD13S523 TI1-TPD13S523_15 Datasheet
1Mb / 23P
[Old version datasheet]   13-Channel ESD Protection Solution
TPD12S016 TI1-TPD12S016_17 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016_14 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016 TI1-TPD12S016 Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
   Load Switch with Adjustable Current-Limit Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com