Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3116D2DADR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3116D2DADR
Description  15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3116D2DADR Datasheet(HTML) 3 Page - Texas Instruments

  TPA3116D2DADR Datasheet HTML 1Page - Texas Instruments TPA3116D2DADR Datasheet HTML 2Page - Texas Instruments TPA3116D2DADR Datasheet HTML 3Page - Texas Instruments TPA3116D2DADR Datasheet HTML 4Page - Texas Instruments TPA3116D2DADR Datasheet HTML 5Page - Texas Instruments TPA3116D2DADR Datasheet HTML 6Page - Texas Instruments TPA3116D2DADR Datasheet HTML 7Page - Texas Instruments TPA3116D2DADR Datasheet HTML 8Page - Texas Instruments TPA3116D2DADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TPA3116D2
TPA3118D2
TPA3130D2
www.ti.com
SLOS708B – APRIL 2012 – REVISED MAY 2012
Terminal Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
15
AM0
I
AM Avoidance Frequency Selection
16
SYNC
DIO
Clock input/output for synchronizing multiple class-D devices. Direction determined by GAIN/SLV terminal.
17
AVCC
P
Analog Supply
18
PVCC
P
Power supply
19
PVCC
P
Power supply
20
BSNL
BST
Boot strap for negative left channel output, connect to 220 nF X5R, or better ceramic cap to OUTPL
21
OUTNL
PO
Negative left channel output
22
GND
G
Ground
23
OUTPL
PO
Positive left channel output
24
BSPL
BST
Boot strap for positive left channel output, connect to 220 nF X5R, or better ceramic cap to OUTNL
25
GND
G
Ground
26
BSNR
BST
Boot strap for negative right channel output, connect to 220 nF X5R, or better ceramic cap to OUTNR
27
OUTNR
PO
Negative right channel output
28
GND
G
Ground
29
OUTPR
PO
Positive right channel output
30
BSPR
BST
Boot strap for positive right channel output, connect to 220 nF X5R or better ceramic cap to OUTPR
31
PVCC
P
Power supply
32
PVCC
P
Power supply
33
Thermal Pad
G
Connect to GND for best system performance. If not connected to GND, leave floating.
or
PowerPAD
Copyright © 2012, Texas Instruments Incorporated
3


Similar Part No. - TPA3116D2DADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2DADR TI1-TPA3116D2DADR Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3116D2DADR TI-TPA3116D2DADR Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

Similar Description - TPA3116D2DADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
logo
Microsemi Corporation
LX1725 MICROSEMI-LX1725 Datasheet
377Kb / 23P
   15W15W Stereo Class-D Amplifier Filterless 30W Mono in BTL
logo
STMicroelectronics
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
   15W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com