Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F280220DAS Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F280220DAS
Description  Piccolo Microcontrollers
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F280220DAS Datasheet(HTML) 5 Page - Texas Instruments

  TMS320F280220DAS Datasheet HTML 1Page - Texas Instruments TMS320F280220DAS Datasheet HTML 2Page - Texas Instruments TMS320F280220DAS Datasheet HTML 3Page - Texas Instruments TMS320F280220DAS Datasheet HTML 4Page - Texas Instruments TMS320F280220DAS Datasheet HTML 5Page - Texas Instruments TMS320F280220DAS Datasheet HTML 6Page - Texas Instruments TMS320F280220DAS Datasheet HTML 7Page - Texas Instruments TMS320F280220DAS Datasheet HTML 8Page - Texas Instruments TMS320F280220DAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 119 page
background image
TMS320F280270, TMS320F280260
TMS320F280230, TMS320F280220
www.ti.com
SPRS810 – APRIL 2012
2
Device Overview
2.1
Device Characteristics
Table 2-1 lists the features of the TMS320F2802x0 devices.
Table 2-1. Hardware Features
280270
280260
280230
280220
FEATURE
TYPE(1)
(50 MHz)
(50 MHz)
(40 MHz)
(40 MHz)
38-Pin
48-Pin
38-Pin
48-Pin
38-Pin
48-Pin
38-Pin
48-Pin
Package Type
DA
PT
DA
PT
DA
PT
DA
PT
TSSOP
LQFP
TSSOP
LQFP
TSSOP
LQFP
TSSOP
LQFP
Instruction cycle
20 ns
20 ns
25 ns
25 ns
On-chip flash (16-bit word)
16K
8K
16K
8K
On-chip SARAM (16-bit word)
4K
3K
4K
3K
Code security for on-chip
Yes
Yes
Yes
Yes
flash/SARAM/OTP blocks
Boot ROM (8K x 16)
Yes
Yes
Yes
Yes
One-time programmable (OTP)
1K
1K
1K
1K
ROM (16-bit word)
ePWM outputs
1
6 (ePWM1/2/3)
6 (ePWM1/2/3)
6 (ePWM1/2/3)
6 (ePWM1/2/3)
eCAP inputs
0
1
1
1
1
Watchdog timer
Yes
Yes
Yes
Yes
MSPS
1.25
1.25
1
1
Conversion Time
800 ns
800 ns
1000 ns
1000 ns
Channels
6
8
6
8
6
8
6
8
12-Bit ADC
3
Temperature
Yes
Yes
Yes
Yes
Sensor
Dual Sample-and-
Yes
Yes
Yes
Yes
Hold
32-Bit CPU timers
3
3
3
3
Comparators w/ Integrated DACs
0
1
2
Inter-integrated circuit (I2C)
0
1
1
1
1
Serial Peripheral Interface (SPI)
1
1
1
1
1
Serial Communications Interface
0
1
1
1
1
(SCI)
2-pin Oscillator
1
1
1
1
0-pin Oscillator
2
2
2
2
Power-on Reset (POR)/
Yes
Yes
Yes
Yes
Brown-out Reset (BOR)
Digital (GPIO)
20
22
20
22
20
22
20
22
I/O pins
(shared)
Analog (AIO)
6
6
6
6
External interrupts
3
3
3
3
Supply voltage (nominal)
3.3 V
3.3 V
3.3 V
3.3 V
T: –40°C to 105°C
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Temperature
options
S: –40°C to 125°C
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Product status(2)
TMS
TMS
TMS
TMS
(1)
A type change represents a major functional feature difference in a peripheral module. Within a peripheral type, there may be minor
differences between devices that do not affect the basic functionality of the module. These device-specific differences are listed in the
TMS320x28xx, 28xxx DSP Peripheral Reference Guide (literature number SPRU566) and in the peripheral reference guides.
(2)
See Section 7.1.3, Device and Development Support Tool Nomenclature, for descriptions of device stages. The "TMS" product status
denotes a fully qualified production device.
Copyright © 2012, Texas Instruments Incorporated
Device Overview
5
Submit Documentation Feedback
Product Folder Link(s): TMS320F280270 TMS320F280260 TMS320F280230 TMS320F280220


Similar Part No. - TMS320F280220DAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28022 TI-TMS320F28022 Datasheet
1,020Kb / 104P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28022 TI-TMS320F28022 Datasheet
1Mb / 130P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28022 TI1-TMS320F28022 Datasheet
423Kb / 15P
[Old version datasheet]   LAUNCHXL-F28027 C2000 Piccolo LaunchPad
TMS320F28022 TI1-TMS320F28022 Datasheet
1Mb / 129P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28022 TI1-TMS320F28022 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
More results

Similar Description - TMS320F280220DAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28030 TI-TMS320F28030 Datasheet
1Mb / 157P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069 TI1-TMS320F28069_14 Datasheet
1Mb / 175P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28069_1807 TI1-TMS320F28069_1807 Datasheet
2Mb / 182P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_0018 TI1-TMS320F280049_0018 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049_1808 TI1-TMS320F280049_1808 Datasheet
3Mb / 224P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_V01 Datasheet
3Mb / 227P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_14 Datasheet
1Mb / 132P
[Old version datasheet]   Piccolo??Microcontrollers
TMS320F28069_1107 TI1-TMS320F28069_1107 Datasheet
1Mb / 172P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F280049 TI1-TMS320F280049_18 Datasheet
2Mb / 217P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_17 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
TMS320F28027 TI1-TMS320F28027_16 Datasheet
1Mb / 138P
[Old version datasheet]   Piccolo Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com