Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV62090RGTT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62090RGTT
Description  3A High Efficient Synchronous Step Down Converter with DCS??Control
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62090RGTT Datasheet(HTML) 3 Page - Texas Instruments

  TLV62090RGTT Datasheet HTML 1Page - Texas Instruments TLV62090RGTT Datasheet HTML 2Page - Texas Instruments TLV62090RGTT Datasheet HTML 3Page - Texas Instruments TLV62090RGTT Datasheet HTML 4Page - Texas Instruments TLV62090RGTT Datasheet HTML 5Page - Texas Instruments TLV62090RGTT Datasheet HTML 6Page - Texas Instruments TLV62090RGTT Datasheet HTML 7Page - Texas Instruments TLV62090RGTT Datasheet HTML 8Page - Texas Instruments TLV62090RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TLV62090
www.ti.com
SLVSBB9B – MARCH 2012 – REVISED APRIL 2012
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
2.5
5.5
V
IQIN
Quiescent current
Not switching, FB = FB +5 %, Into PVIN and AVIN
20
µA
Isd
Shutdown current
Into PVIN and AVIN
0.6
5
µA
Undervoltage lockout threshold
VIN falling
2.1
2.2
2.3
V
UVLO
Undervoltage lockout hysteresis
200
mV
Thermal shutdown
Temperature rising
150
ºC
Thermal shutdown hysteresis
20
ºC
Control SIGNAL EN
VH
High level input voltage
VIN = 2.5 V to 6 V
1
V
VL
Low level input voltage
VIN = 2.5 V to 6 V
0.4
V
Ilkg
Input leakage current
EN = GND or VIN
10
100
nA
RPD
Pull down resistance
400
k
Ω
Softstart
ISS
Softstart current
6.3
7.5
8.7
µA
POWER GOOD
Output voltage rising
95%
Vth
Power good threshold
Output voltage falling
90%
VL
Low level voltage
I(sink) = 1mA
0.4
V
IPG
PG sinking current
1
mA
Ilkg
Leakage current
VPG = 3.6V
10
100
nA
POWER SWITCH
High side FET on-resistance
ISW = 500 mA
50
m
Ω
RDS(on)
Low side FET on-resistance
ISW = 500 mA
40
m
Ω
High side FET switch current
ILIM
3.7
4.6
5.5
A
limit
fs
Switching frequency
IOUT = 3 A
1.4
MHz
OUTPUT
Vs
Output voltage range
0.8
VIN
V
Rod
Output discharge resistor
EN = GND, VOUT = 1.8 V
200
VFB
Feedback regulation voltage
0.8
V
VIN ≥ VOUT + 1 V, TPS62090 adjustable output version
IOUT = 1 A, PWM mode
-1.4%
+1.4%
Feedback voltage
VFB
accuracy(1) (2)
IOUT = 0 mA, VOUT ≥ 1.2 V, PFM mode
-1.4%
+3%
IOUT = 0 mA, VOUT < 1.2V, PFM mode
-1.4%
+3.7%
IFB
Feedback input bias current
VFB = 0.8V, TPS62090 adjustable output version
10
100
nA
Line regulation
VOUT = 1.8 V, PWM operation
0.016
%/V
Load regulation
VOUT = 1.8 V, PWM operation
0.04
%/A
(1)
For output voltages < 1.2 V, use a 2 x 22 µF output capacitance to achieve +3% output voltage accuracy in PFM mode.
(2)
Conditions: L = 1 µH, COUT = 22 µF. For more information, see the Power Save Mode Operation section of this data sheet.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLV62090


Similar Part No. - TLV62090RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62090RGTT TI1-TLV62090RGTT Datasheet
1Mb / 27P
[Old version datasheet]   3A High Efficiency Synchronous Step-Down Converter
More results

Similar Description - TLV62090RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62090 TI1-TPS62090_14 Datasheet
1Mb / 29P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI1-TPS62090 Datasheet
1Mb / 26P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI-TPS62090_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6209x 3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI-TLV62090_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62090 3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090-Q1 TI1-TPS62090-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High-Efficient Synchronous Step-Down Converter with DCS-Control
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
   3A, Synchronous Step-Down Converter
EUP3226 EUTECH-EUP3226 Datasheet
736Kb / 1P
   3A, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com