Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV62130 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62130
Description  4-17V 3A Step-Down Converter with DCS-ControlTM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62130 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV62130 Datasheet HTML 3Page - Texas Instruments TLV62130 Datasheet HTML 4Page - Texas Instruments TLV62130 Datasheet HTML 5Page - Texas Instruments TLV62130 Datasheet HTML 6Page - Texas Instruments TLV62130 Datasheet HTML 7Page - Texas Instruments TLV62130 Datasheet HTML 8Page - Texas Instruments TLV62130 Datasheet HTML 9Page - Texas Instruments TLV62130 Datasheet HTML 10Page - Texas Instruments TLV62130 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.0001
0.001
0.01
0.1
1
10
VIN=12V
VIN=17V
Output Current (A)
VOUT=5.0V
L=2.2uH (XFL4020)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
7
8
9
10
11
12
13
14
15
16
17
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=1A
Input Voltage (V)
VOUT=5.0V
L=2.2uH (XFL4020)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.0001
0.001
0.01
0.1
1
10
VIN=12V
VIN=17V
Output Current (A)
VOUT=5.0V
L=2.2uH (XFL4020)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
7
8
9
10
11
12
13
14
15
16
17
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=1A
Input Voltage (V)
VOUT=5.0V
L=2.2uH (XFL4020)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.0001
0.001
0.01
0.1
1
10
VIN=5V
VIN=12V
VIN=17V
Output Current (A)
VOUT=3.3V
L=2.2uH (XFL4020)
Cout=22uF
G001
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
4
5
6
7
8
9
10
11
12
13
14
15
16
17
IOUT=1mA
IOUT=10mA
IOUT=100mA
IOUT=1A
Input Voltage (V)
VOUT=3.3V
L=2.2uH (XFL4020)
Cout=22uF
G001
TLV62130
www.ti.com
SLVSB74
– FEBRUARY 2012
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 4. Efficiency with 1.25MHz, Vout=5V
Figure 5. Efficiency with 1.25MHz, Vout=5V
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 6. Efficiency with 2.5MHz, Vout=5V
Figure 7. Efficiency with 2.5MHz, Vout=5V
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 8. Efficiency with 1.25MHz, Vout=3.3V
Figure 9. Efficiency with 1.25MHz, Vout=3.3V
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLV62130


Similar Part No. - TLV62130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI-TLV62130 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130A TI-TLV62130A Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130A TI-TLV62130A Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130A TI-TLV62130A Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
More results

Similar Description - TLV62130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150_14 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
logo
Richtek Technology Corp...
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
   3A, 17V, 340kHz Synchronous Step-Down Converter
RT7253A RICHTEK-RT7253A Datasheet
192Kb / 14P
   3A, 17V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com