Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3201 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3201
Description  40-ns, microPOWER, Push-Pull Output Comparators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3201 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV3201 Datasheet HTML 7Page - Texas Instruments TLV3201 Datasheet HTML 8Page - Texas Instruments TLV3201 Datasheet HTML 9Page - Texas Instruments TLV3201 Datasheet HTML 10Page - Texas Instruments TLV3201 Datasheet HTML 11Page - Texas Instruments TLV3201 Datasheet HTML 12Page - Texas Instruments TLV3201 Datasheet HTML 13Page - Texas Instruments TLV3201 Datasheet HTML 14Page - Texas Instruments TLV3201 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
V
+ V
V
-
TH
OS
HYST
V
+ V
TH
OS
V
+ V
+ V
TH
OS
HYST
TLV3201
TLV3202
www.ti.com
SBOS561A – MARCH 2012 – REVISED JUNE 2012
EXTERNAL HYSTERESIS
The TLV3201 and TLV3202 have a hysteresis transfer curve (shown in Figure 27) that is a function of the
following three components:
VTH: the actual set voltage or threshold trip voltage
VOS: the internal offset voltage between VIN+ and VIN–. This voltage is added to VTH to form the actual trip
point at which the comparator must respond in order to change output states.
VHYST: internal hysteresis (or trip window) that is designed to reduce comparator sensitivity to noise.
Figure 27. TLV3201 Hysteresis Transfer Curve
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLV3201 TLV3202


Similar Part No. - TLV3201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3201 TI1-TLV3201 Datasheet
3Mb / 24P
[Old version datasheet]   0.9-V to 6.5-V, Nanopower Comparator
TLV3201 TI1-TLV3201 Datasheet
1Mb / 18P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV3201 TI1-TLV3201 Datasheet
1Mb / 31P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201 TI1-TLV3201 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, Micropower, Push-Pull Output Automotive Comparators
TLV3201-Q1 TI1-TLV3201-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, Micropower, Push-Pull Output Automotive Comparators
More results

Similar Description - TLV3201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3201 TI1-TLV3201_14 Datasheet
1Mb / 31P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3201-Q1 TI1-TLV3201-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, Micropower, Push-Pull Output Automotive Comparators
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com