Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV71712PDQNT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV71712PDQNT
Description  150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71712PDQNT Datasheet(HTML) 1 Page - Texas Instruments

  TLV71712PDQNT Datasheet HTML 1Page - Texas Instruments TLV71712PDQNT Datasheet HTML 2Page - Texas Instruments TLV71712PDQNT Datasheet HTML 3Page - Texas Instruments TLV71712PDQNT Datasheet HTML 4Page - Texas Instruments TLV71712PDQNT Datasheet HTML 5Page - Texas Instruments TLV71712PDQNT Datasheet HTML 6Page - Texas Instruments TLV71712PDQNT Datasheet HTML 7Page - Texas Instruments TLV71712PDQNT Datasheet HTML 8Page - Texas Instruments TLV71712PDQNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TLV717xx Series
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1
F
Ceramic
m
GND
OUT
EN
IN
TLV717xx
1-mm x 1-mm DQN
(Bottom View)
TLV717xx
TLV717xxP
www.ti.com
SBVS176A – OCTOBER 2011 – REVISED APRIL 2012
150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
Check for Samples: TLV717xx, TLV717xxP
1
FEATURES
DESCRIPTION
The TLV717xx series of low-dropout (LDO) linear
2
Very Low Dropout: 215 mV at 150 mA
regulators are low quiescent current LDOs with
Accuracy: 0.5% (typical)
excellent line and load transient performance and are
Low IQ: 35 µA
designed for power-sensitive applications. These
devices provide a typical accuracy of 0.5%.
Available in Fixed-Output Voltages:
1.2 V to 5.0 V(1)
The TLV717xx series offer current foldback that
throttles down the output current with a decrease in
High PSRR:
load resistance. The typical value at which current
70 dB at 1 kHz
foldback initiates is 350 mA; the typical value of the
50 dB at 1 MHz
output short current limit value is 40 mA.
Stable with Effective Output Capacitance:
Furthermore, these devices are stable with an
0.1 µF(2)
effective output capacitance of only 0.1 µF. This
Foldback Current Limit
feature enables the use of cost-effective capacitors
that have higher bias voltages and temperature
Package: 1-mm × 1-mm DQN
derating. The devices regulate to specified accuracy
(1)
See the Package Option Addendum at the end of this
with no output load.
document for a complete list of available voltage options.
The TLV717xx series is available in a 1-mm × 1-mm
(2)
See the Input and Output Capacitor Requirements section in
the Application Information for more details.
DQN package that makes them ideal for hand-held
applications. The TLV717xxP provides an active pull-
down circuit to quickly discharge output loads.
APPLICATIONS
Wireless Handsets, Smart Phones, PDAs
Typical Application Circuit
MP3 Players
Other Hand-Held Products
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV71712PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71712PDQNT TI1-TLV71712PDQNT Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
More results

Similar Description - TLV71712PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com