Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV7101828DSET Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7101828DSET
Description  Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV7101828DSET Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV7101828DSET Datasheet HTML 5Page - Texas Instruments TLV7101828DSET Datasheet HTML 6Page - Texas Instruments TLV7101828DSET Datasheet HTML 7Page - Texas Instruments TLV7101828DSET Datasheet HTML 8Page - Texas Instruments TLV7101828DSET Datasheet HTML 9Page - Texas Instruments TLV7101828DSET Datasheet HTML 10Page - Texas Instruments TLV7101828DSET Datasheet HTML 11Page - Texas Instruments TLV7101828DSET Datasheet HTML 12Page - Texas Instruments TLV7101828DSET Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
70
60
50
40
30
20
10
0
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
(V)
IN
4.8
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
V
=V
=4.8V
I
=50mA
OUT1
OUT2
OUT
120
100
80
60
40
20
0
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
(V)
IN
4.8
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
V
=V
=4.8V
I
=100mA
OUT1
OUT2
OUT
180
160
140
120
100
80
60
40
20
0
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
(V)
IN
4.8
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
V
=V
=4.8V
I
=150mA
OUT1
OUT2
OUT
250
200
150
100
50
0
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
(V)
IN
4.8
+125 C
°
+85 C
°
+25 C
°
-40 C
°
V
=V
=4.8V
I
=200mA
OUT1
OUT2
OUT
200
180
160
140
120
100
80
60
40
20
0
0
20
40
60
80
100
120
140
160
180
I
(mA)
OUT
200
+125 C
°
+85 C
°
+25 C
°
-40°C
180
160
140
120
100
80
60
40
20
0
0
20
40
60
80
100
120
140
160
180
I
(mA)
OUT
200
+125 C
°
+85 C
°
+25 C
°
-
°C
40
TLV710 Series
TLV711 Series
www.ti.com
SBVS142A – JULY 2010 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range of TJ = –40°C to +125°C, VEN1 = VEN2 = VIN, CIN = 1mF, COUT1 = 1mF, and COUT2 = 1mF,
unless otherwise noted. Typical values are at TJ = +25°C.
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs INPUT VOLTAGE
vs INPUT VOLTAGE
Figure 19.
Figure 20.
DROPOUT VOLTAGE
DROPOUT VOLTAGE
vs INPUT VOLTAGE
vs INPUT VOLTAGE
Figure 21.
Figure 22.
DROPOUT VOLTAGE vs OUTPUT CURRENT: VOUT2
DROPOUT VOLTAGE vs OUTPUT CURRENT: VOUT1/VOUT2
(TLV7101828)
(TLV7103333)
Figure 23.
Figure 24.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TLV7101828DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7101828DSET TI-TLV7101828DSET Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7101828DSET TI1-TLV7101828DSET Datasheet
1Mb / 32P
[Old version datasheet]   Over-Current and Thermal Protection
TLV7101828DSET TI1-TLV7101828DSET Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV7101828DSET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV710 TI-TLV710_10 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV710 TI1-TLV710_17 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7103318-Q1 TI1-TLV7103318-Q1_17 Datasheet
1Mb / 22P
[Old version datasheet]   Dual, 200-mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com