Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV711xxyyqwwwz Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV711xxyyqwwwz
Description  Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV711xxyyqwwwz Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV711xxyyqwwwz Datasheet HTML 3Page - Texas Instruments TLV711xxyyqwwwz Datasheet HTML 4Page - Texas Instruments TLV711xxyyqwwwz Datasheet HTML 5Page - Texas Instruments TLV711xxyyqwwwz Datasheet HTML 6Page - Texas Instruments TLV711xxyyqwwwz Datasheet HTML 7Page - Texas Instruments TLV711xxyyqwwwz Datasheet HTML 8Page - Texas Instruments TLV711xxyyqwwwz Datasheet HTML 9Page - Texas Instruments TLV711xxyyqwwwz Datasheet HTML 10Page - Texas Instruments TLV711xxyyqwwwz Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
3.40
3.38
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
3.20
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
V
(V)
IN
5.6
+125 C
°
+85 C
°
+25 C
°
-40 C
°
I
=200mA
OUT1
I
=0mA
OUT2
3.40
3.38
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
3.20
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
V
(V)
IN
5.6
+125 C
°
+85 C
°
+25 C
°
-40 C
°
I
=0mA
OUT1
I
=
mA
OUT2
200
1.60
1.58
1.56
1.54
1.52
1.50
1.48
1.46
1.44
1.42
1.40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
(V)
IN
5.5
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
I
=10mA
OUT1
I
=10mA
OUT2
2.60
2.58
2.56
2.54
2.52
2.50
2.48
2.46
2.44
2.42
2.40
3.0
3.5
4.0
4.5
5.0
V
(V)
IN
5.5
+125 C
°
+85 C
°
+25 C
°
-
°
40 C
I
=10mA
OUT1
I
=10mA
OUT2
1.60
1.58
1.56
1.54
1.52
1.50
1.48
1.46
1.44
1.42
1.40
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
(V)
IN
5.5
+125 C
°
+85 C
°
+25 C
°
-40°C
I
=200mA
OUT1
I
=0mA
OUT2
2.60
2.58
2.56
2.54
2.52
2.50
2.48
2.46
2.44
2.42
2.40
3.0
3.5
4.0
4.5
5.0
V
(V)
IN
5.5
+125 C
°
+85 C
°
+25 C
°
-40 C
°
I
=0mA
OUT1
TLV710 Series
TLV711 Series
www.ti.com
SBVS142A – JULY 2010 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range of TJ = –40°C to +125°C, VEN1 = VEN2 = VIN, CIN = 1mF, COUT1 = 1mF, and COUT2 = 1mF,
unless otherwise noted. Typical values are at TJ = +25°C.
LINE REGULATION: VOUT1
LINE REGULATION: VOUT2
(TLV7103333)
(TLV7103333)
Figure 7.
Figure 8.
LINE REGULATION: VOUT1
LINE REGULATION: VOUT2
(TLV7111525)
(TLV7111525)
Figure 9.
Figure 10.
LINE REGULATION: VOUT1
LINE REGULATION: VOUT2
(TLV7111525)
(TLV7111525)
Figure 11.
Figure 12.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TLV711xxyyqwwwz

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV711 TI-TLV711 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV711 TI1-TLV711 Datasheet
1Mb / 32P
[Old version datasheet]   Over-Current and Thermal Protection
TLV711 TI1-TLV711 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7111225 TI1-TLV7111225 Datasheet
1Mb / 32P
[Old version datasheet]   Over-Current and Thermal Protection
TLV7111225DSER TI1-TLV7111225DSER Datasheet
1Mb / 32P
[Old version datasheet]   Over-Current and Thermal Protection
More results

Similar Description - TLV711xxyyqwwwz

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV710 TI-TLV710_10 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV710 TI1-TLV710_17 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7103318-Q1 TI1-TLV7103318-Q1_17 Datasheet
1Mb / 22P
[Old version datasheet]   Dual, 200-mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com