Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV717XX Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV717XX
Description  150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV717XX Datasheet(HTML) 2 Page - Texas Instruments

  TLV717XX Datasheet HTML 1Page - Texas Instruments TLV717XX Datasheet HTML 2Page - Texas Instruments TLV717XX Datasheet HTML 3Page - Texas Instruments TLV717XX Datasheet HTML 4Page - Texas Instruments TLV717XX Datasheet HTML 5Page - Texas Instruments TLV717XX Datasheet HTML 6Page - Texas Instruments TLV717XX Datasheet HTML 7Page - Texas Instruments TLV717XX Datasheet HTML 8Page - Texas Instruments TLV717XX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TLV717xx
TLV717xxP
SBVS176A – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
TLV717xx(x)Pyyyz
XX(X) is the nominal output voltage. For output voltages with a resolution of 100 mV, two
digits are used in the ordering number; otherwise, three digits are used (for example, 28 =
2.8 V; 475 = 4.75 V).
P is optional; devices with P have an LDO regulator with an active output discharge.
YYY is the package designator.
Z is the package quantity. R is for reel (3000 pieces), T is for tape (250 pieces).
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder on www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
At TJ = –25°C, unless otherwise noted. All voltages are with respect to GND.
VALUE
MIN
MAX
UNIT
Input range, VIN
–0.3
6.0
V
Voltage
Enable range, VEN
–0.3
VIN + 0.3
V
Output range, VOUT
–0.3
6.0
V
Current
Maximum output, IOUT
Internally limited
Output short-circuit duration
Indefinite
Continuous total power dissipation, PDISS
See Thermal Information table
Junction range, TJ
–55
+150
°C
Temperature
Storage junction range, Tstg
–55
+150
°C
Human body model (HBM)
2000
V
Electrostatic discharge (ESD) ratings
Charged device model (CDM)
500
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute-
maximum rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TLV717xx
TLV717xxP
THERMAL METRIC(1)
UNITS
DQN
4 PINS
θJA
Junction-to-ambient thermal resistance
393.3
θJC(top)
Junction-to-case(top) thermal resistance
140.3
θJB
Junction-to-board thermal resistance
330
°C/W
ψJT
Junction-to-top characterization parameter
6.5
ψJB
Junction-to-board characterization parameter
329
θJC(bottom)
Junction-to-case(bottom) thermal resistance
147.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TLV717xx TLV717xxP


Similar Part No. - TLV717XX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71712PDQNR TI1-TLV71712PDQNR Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV71712PDQNR3 TI1-TLV71712PDQNR3 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV71712PDQNT TI1-TLV71712PDQNT Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV71713PDQNR TI1-TLV71713PDQNR Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV71713PDQNT TI1-TLV71713PDQNT Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
More results

Similar Description - TLV717XX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717P TI1-TLV717P_16 Datasheet
1Mb / 28P
[Old version datasheet]   TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com