Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q68000-A6474 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q68000-A6474
Description  PNP Silicon Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q68000-A6474 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q68000-A6474 Datasheet HTML 1Page - Siemens Semiconductor Group Q68000-A6474 Datasheet HTML 2Page - Siemens Semiconductor Group Q68000-A6474 Datasheet HTML 3Page - Siemens Semiconductor Group Q68000-A6474 Datasheet HTML 4Page - Siemens Semiconductor Group Q68000-A6474 Datasheet HTML 5Page - Siemens Semiconductor Group Q68000-A6474 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Semiconductor Group
5
SMBT 2907
SMBT 2907 A
Saturation voltage IC = f (VBEsat, VCEsat)
hFE =10
Storage time
tstg = f (IC)
Delay time
td = f (IC)
Rise time
tr = f (IC)
hFE =10
Fall time
tf = f (IC)
SMBT 2907
SMBT 2907 A


Similar Part No. - Q68000-A6474

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q68000-A6474 SIEMENS-Q68000-A6474 Datasheet
248Kb / 7P
   PNP Silicon Switching Transistor
More results

Similar Description - Q68000-A6474

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PZT2907 SIEMENS-PZT2907 Datasheet
127Kb / 6P
   PNP Silicon Switching Transistors
logo
Infineon Technologies A...
BSS80 INFINEON-BSS80 Datasheet
59Kb / 6P
   PNP Silicon Switching Transistors
Nov-30-2001
logo
STMicroelectronics
2N6107 STMICROELECTRONICS-2N6107 Datasheet
69Kb / 4P
   SILICON PNP SWITCHING TRANSISTORS
June 1997
logo
Boca Semiconductor Corp...
2N5322 BOCA-2N5322 Datasheet
77Kb / 2P
   SWITCHING TRANSISTORS (PNP SILICON)
logo
Guangdong Kexin Industr...
BSS80 KEXIN-BSS80 Datasheet
41Kb / 2P
   PNP Silicon Switching Transistors
logo
Infineon Technologies A...
SMBT3906E6327 INFINEON-SMBT3906E6327 Datasheet
892Kb / 12P
   PNP Silicon Switching Transistors
2012-08-21
logo
Continental Device Indi...
2N3250 CDIL-2N3250 Datasheet
214Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906 CDIL-2N2906 Datasheet
147Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904A CDIL-2N2904A Datasheet
151Kb / 3P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2906A BOCA-2N2906A Datasheet
44Kb / 2P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com