Electronic Components Datasheet Search |
|
Q67100-H3435 Datasheet(PDF) 6 Page - Siemens Semiconductor Group |
|
Q67100-H3435 Datasheet(HTML) 6 Page - Siemens Semiconductor Group |
6 / 22 page SLx 24C08/16 Semiconductor Group 6 1998-07-27 2 Description The SLx 24C08/16 device is a serial electrically erasable and programmable read only memory (EEPROM), organized as 1024/2048 × 8 bit. The data memory is divided into 64/128 pages. The 16 bytes of a page can be programmed simultaneously. The device conforms to the specification of the 2-wire serial I 2C-Bus. Low voltage design permits operation down to 2.7 V with low active and standby currents. The device operates at 5.0 V ± 10% with a maximum clock frequency of 400 kHz and at 2.7 ... 4.5 V with a maximum clock frequency of 100 kHz. The device is available as 5 V type ( V CC = 4.5 … 5.5 V) with two temperature ranges for industrial and automotive applications and as 3 V type ( V CC = 2.7 … 5.5 V) for industrial applications. The EEPROMs are mounted in eight-pin DIP and DSO packages or are also supplied as chips. Figure 2 Block Diagram DEC X EEPROM Y DEC Dout/ACK SDA SCL IEB02530 Logic Stop Start/ Control Chip Address Logic H.V. Pump Programming Control Control Serial Logic Logic Address Page Logic SS V CC V WP |
Similar Part No. - Q67100-H3435 |
|
Similar Description - Q67100-H3435 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |