Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3262 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3262
Description  Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3262 Datasheet(HTML) 1 Page - Texas Instruments

  TLV320AIC3262 Datasheet HTML 1Page - Texas Instruments TLV320AIC3262 Datasheet HTML 2Page - Texas Instruments TLV320AIC3262 Datasheet HTML 3Page - Texas Instruments TLV320AIC3262 Datasheet HTML 4Page - Texas Instruments TLV320AIC3262 Datasheet HTML 5Page - Texas Instruments TLV320AIC3262 Datasheet HTML 6Page - Texas Instruments TLV320AIC3262 Datasheet HTML 7Page - Texas Instruments TLV320AIC3262 Datasheet HTML 8Page - Texas Instruments TLV320AIC3262 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
PLL
Three
Audio Buses
I C/SPI Bus
2
ADC
DAC
ADC
DAC
Two
miniDSP
Engines
Mixer
Outputs
8 SE /
4 Diff
Inputs
Level
Control
Mixer
PGA
ASRC
CP
1.4 W
Stereo
Speaker
(Class-D)
Receiver
SAR
ADC
TLV320AIC3262
www.ti.com
SLAS679 – DECEMBER 2011
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo
Class-D Speaker Amplifier
Check for Samples: TLV320AIC3262
1
FEATURES
Three Independent Digital Audio Serial
Interfaces
2
Stereo Audio DAC with 101dB SNR
TDM and mono PCM support on all Audio
2.7mW Stereo 48kHz DAC Playback
Serial Interfaces
Stereo Audio ADC with 93dB SNR
8-channel Input and Output on Audio Serial
5.6mW Stereo 48kHz ADC Record
Interface 1
8-192kHz Playback and Record
Programmable PLL, plus Low-Frequency
30mW DirectPathTM Headphone Driver
Clocking
Eliminates Large Output DC-Blocking
Programmable 12-Bit SAR ADC
Capacitors
SPI and I2C Control Interfaces
128mW Differential Receiver Output Driver
4.81 mm x 4.81 mm x 0.625 mm 81-Ball WCSP
Stereo Class-D Speaker Drivers
(YZF) Package
1.7 W (8
Ω , 5.5V, 10% THDN)
AIC3262
1.4 W (8
Ω , 5.5V, 1% THDN)
APPLICATIONS
Stereo Line Outputs
Mobile Handsets
PowerTune™ - Adjusts Power vs. SNR
Tablets/eBooks
Extensive Signal Processing Options
Portable Navigation Devices (PND)
Eight Single-Ended or 4 Fully-Differential
Portable Media Player (PMP)
Analog Inputs
Portable Gaming Systems
Stereo Digital and Analog Microphone Inputs
Portable Computing
Low Power Analog Bypass Mode
Acoustic Echo Cancellation (AEC)
Asynchronous Sample Rate Conversion
Active Noise Cancellation (ANC)
Fully-programmable Enhanced miniDSP with
Noise Suppression (NS)
PurePathTM Studio Support
Speaker Protection
Extensive Algorithm Support for Voice and
Advanced DSP algorithms
Audio Applications
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerTune is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV320AIC3262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262IYZFR TI1-TLV320AIC3262IYZFR Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec
TLV320AIC3262IYZFR TI1-TLV320AIC3262IYZFR Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262IYZFT TI1-TLV320AIC3262IYZFT Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec
More results

Similar Description - TLV320AIC3262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3263 TI-TLV320AIC3263_15 Datasheet
1Mb / 63P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI1-TLV320AIC3256_12 Datasheet
1,013Kb / 44P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI1-TLV320AIC3254_17 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec with Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com