Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4531IDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4531IDR
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4531IDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4531IDR Datasheet HTML 6Page - Texas Instruments THS4531IDR Datasheet HTML 7Page - Texas Instruments THS4531IDR Datasheet HTML 8Page - Texas Instruments THS4531IDR Datasheet HTML 9Page - Texas Instruments THS4531IDR Datasheet HTML 10Page - Texas Instruments THS4531IDR Datasheet HTML 11Page - Texas Instruments THS4531IDR Datasheet HTML 12Page - Texas Instruments THS4531IDR Datasheet HTML 13Page - Texas Instruments THS4531IDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
THS4531
SLOS358B – SEPTEMBER 2011 – REVISED MARCH 2012
www.ti.com
TABLE OF GRAPHS
Description
VS = 2.7 V
VS = 5 V
Small-signal frequency response
Figure 2
Figure 35
Large-signal frequency response
Figure 3
Figure 36
Large- and small- signal pulse response
Figure 4
Figure 37
Single-ended slew rate vs VOUT step
Figure 5
Figure 38
Differential slew rate vs VOUT step
Figure 6
Figure 39
Overdrive recovery
Figure 7
Figure 40
10-kHz FFT on audio analyzer
Figure 8
Figure 41
Harmonic distortion vs Frequency
Figure 9
Figure 42
Harmonic distortion vs Output voltage at 1 MHz
Figure 10
Figure 43
Harmonic distortion vs Gain at 1 MHz
Figure 11
Figure 44
Harmonic distortion vs Load at 1 MHz
Figure 12
Figure 45
Harmonic distortion vs VOCM at 1 MHz
Figure 13
Figure 46
Two-tone, 2nd and 3rd order intermodulation distortion vs Frequency
Figure 14
Figure 47
Single-ended output voltage swing vs Load resistance
Figure 15
Figure 48
Single-ended output saturation voltage vs Load current
Figure 16
Figure 49
Main amplifier differential output impedance vs Frequency
Figure 17
Figure 50
Frequncy response vs CLOAD
Figure 18
Figure 51
RO vs CLOAD
Figure 19
Figure 52
Rejection ratio vs Frequency
Figure 20
Figure 53
Turn-on time
Figure 21
Figure 54
Turn-off time
Figure 22
Figure 55
Input-referred voltage noise and current noise spectral density
Figure 23
Figure 56
Main amplifier differential open-loop gain and phase vs Frequency
Figure 24
Figure 57
Output balance error vs Frequency
Figure 25
Figure 58
VOCM small signal frequency response
Figure 26
Figure 59
VOCM large and small signal pulse response
Figure 27
Figure 60
VOCM input impedance vs frequency
Figure 28
Figure 61
Count vs input offset current
Figure 29
Figure 62
Count vs input offset current temperature drift
Figure 30
Figure 63
Input offset current vs temperature
Figure 31
Figure 64
Count vs input offset voltage
Figure 32
Figure 65
Count vs input offset voltage temperature drift
Figure 33
Figure 66
Input offset voltage vs temperature
Figure 34
Figure 67
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): THS4531


Similar Part No. - THS4531IDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4531IDR NSC-THS4531IDR Datasheet
1Mb / 55P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results

Similar Description - THS4531IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4531 TI1-THS4531_14 Datasheet
1Mb / 56P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI-THS4532 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531 NSC-THS4531 Datasheet
1Mb / 55P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4531A TI-THS4531A Datasheet
1Mb / 50P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI1-THS4532_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531A NSC-THS4531A Datasheet
1Mb / 51P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 NSC-THS4532 Datasheet
1Mb / 44P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4532 TI1-THS4532 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531A TI1-THS4531A Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531 TI-THS4531_15 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com