Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC59711 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59711
Description  12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59711 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC59711 Datasheet HTML 6Page - Texas Instruments TLC59711 Datasheet HTML 7Page - Texas Instruments TLC59711 Datasheet HTML 8Page - Texas Instruments TLC59711 Datasheet HTML 9Page - Texas Instruments TLC59711 Datasheet HTML 10Page - Texas Instruments TLC59711 Datasheet HTML 11Page - Texas Instruments TLC59711 Datasheet HTML 12Page - Texas Instruments TLC59711 Datasheet HTML 13Page - Texas Instruments TLC59711 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
T
,T
:
WH
WL
SCKI
(1)
SCKI
(1)
SDTI
(1)
T
,T :
SU
H
T
SU
T
H
VREG
VREG
GND
VREG
GND
GND
50%
50%
50%
T
WH
T
WL
t ,t ,t ,t ,t ,t ,t
:
,t ,t ,t
R0
R1
F0
F1
D0
D1
D2
D3
D4
D5
INPUT
(1)
50%
50%
90%
10%
OUTPUT
t
D
t ort
R
F
V
orV
OL
OUTXnL
V
orV
OH
OUTXnH
GND
VREG
TLC59711
SBVS181
– OCTOBER 2011
www.ti.com
TIMING DIAGRAMS
(1) Input pulse rise and fall time is 1ns to 3ns.
Figure 7. Input Timing
(1) Input pulse rise and fall time is 1ns to 3ns.
Figure 8. Output Timing
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TLC59711


Similar Part No. - TLC59711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5971 TI-TLC5971 Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
TLC5971PWP TI-TLC5971PWP Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
TLC5971PWP TI1-TLC5971PWP Datasheet
1Mb / 45P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
TLC5971PWPR TI-TLC5971PWPR Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
TLC5971PWPR TI1-TLC5971PWPR Datasheet
1Mb / 45P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
More results

Similar Description - TLC59711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5971 TI1-TLC5971_15 Datasheet
1Mb / 45P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
TLC5971 TI-TLC5971 Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI1-TLC5946_17 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com