Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC59711 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59711
Description  12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59711 Datasheet(HTML) 3 Page - Texas Instruments

  TLC59711 Datasheet HTML 1Page - Texas Instruments TLC59711 Datasheet HTML 2Page - Texas Instruments TLC59711 Datasheet HTML 3Page - Texas Instruments TLC59711 Datasheet HTML 4Page - Texas Instruments TLC59711 Datasheet HTML 5Page - Texas Instruments TLC59711 Datasheet HTML 6Page - Texas Instruments TLC59711 Datasheet HTML 7Page - Texas Instruments TLC59711 Datasheet HTML 8Page - Texas Instruments TLC59711 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
TLC59711
www.ti.com
SBVS181
– OCTOBER 2011
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
MIN
MAX
Supply voltage
VCC
–0.3
+18
V
IREF
–0.3
VREG + 0.3
V
Input voltage
SDTI, SCKI
–0.3
VREG + 0.6
V
OUTR0 to OUTR3, OUTG0 to OUTG3, OUTB0 to OUTB3
–0.3
+18
V
Output voltage
SDTO, SCKO
–0.3
VREG + 0.3
V
VREG
–0.3
+6
V
OUTR0 to OUTR3, OUTG0 to OUTG3, OUTB0 to OUTB3
75
mA
Output current (DC)
VREG
–30
mA
Operating junction temperature
TJ (max)
+150
°C
Storage temperature
Tstg
–55
+150
°C
Human body model (HBM)
4
kV
Electrostatic discharge rating
Charged device model (CDM)
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
THERMAL INFORMATION
TLC59711
THERMAL METRIC(1)
PWP
UNITS
20 PINS
θJA
Junction-to-ambient thermal resistance
68.6
θJCtop
Junction-to-case (top) thermal resistance
44.2
θJB
Junction-to-board thermal resistance
19.3
°C/W
ψJT
Junction-to-top characterization parameter
2.7
ψJB
Junction-to-board characterization parameter
15.7
θJCbot
Junction-to-case (bottom) thermal resistance
1.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLC59711


Similar Part No. - TLC59711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5971 TI-TLC5971 Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
TLC5971PWP TI-TLC5971PWP Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
TLC5971PWP TI1-TLC5971PWP Datasheet
1Mb / 45P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
TLC5971PWPR TI-TLC5971PWPR Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
TLC5971PWPR TI1-TLC5971PWPR Datasheet
1Mb / 45P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
More results

Similar Description - TLC59711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5971 TI1-TLC5971_15 Datasheet
1Mb / 45P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
TLC5971 TI-TLC5971 Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI1-TLC5946_17 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com