Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4520 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4520
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4520 Datasheet(HTML) 4 Page - Texas Instruments

  THS4520 Datasheet HTML 1Page - Texas Instruments THS4520 Datasheet HTML 2Page - Texas Instruments THS4520 Datasheet HTML 3Page - Texas Instruments THS4520 Datasheet HTML 4Page - Texas Instruments THS4520 Datasheet HTML 5Page - Texas Instruments THS4520 Datasheet HTML 6Page - Texas Instruments THS4520 Datasheet HTML 7Page - Texas Instruments THS4520 Datasheet HTML 8Page - Texas Instruments THS4520 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
THS4531
SLOS358B – SEPTEMBER 2011 – REVISED MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = 2.7 V (continued)
Test conditions at TA = 25°C, VS+ = 2.7 V, VS– = 0 V, VOCM = open, VOUT = 2 VPP, RF = 2 kΩ, RL = 2 kΩ differential, G = 1 V/V,
single-ended input, differential output, and input and output referenced to mid-supply, unless otherwise noted.
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LEVEL(1)
DC PERFORMANCE
Open-loop voltage gain (AOL)
100
113
dB
A
TA = +25°C
±200
±1000
A
TA = 0°C to +70°C
±1405
Input-referred offset voltage
µV
TA = –40°C to +85°C
±1585
B
TA = –40°C to +125°C
±2000
TA = 0°C to +70°C
±1.7
±9
Input offset voltage drift(2)
TA = –40°C to +85°C
±1.8
±9
µV/°C
B
TA = –40°C to +125°C
±2
±10
TA = +25°C
160
210
A
TA = 0°C to +70°C
221
Input bias current
nA
TA = –40°C to +85°C
222
B
TA = –40°C to +125°C
233
TA = 0°C to +70°C
0.25
Input bias current drift(2)
TA = –40°C to +85°C
0.25
nA/°C
B
TA = –40°C to +125°C
0.25
TA = +25°C
±5
±50
A
TA = 0°C to +70°C
±59
Input offset current
nA
TA = –40°C to +85°C
±60
B
TA = –40°C to +125°C
±75
TA = 0°C to +70°C
±0.05
±0.2
Input offset current drift(2)
TA = –40°C to +85°C
±0.05
±0.2
nA/°C
B
TA = –40°C to +125°C
±0.05
±0.2
INPUT
TA = +25°C, CMRR > 87 dB
VS– – 0.2
VS–
A
Common-mode input low
V
TA = –40°C to +125°C, CMRR > 87 dB
VS– – 0.2
VS–
B
TA = +25°C, CMRR > 87 dB
VS+ – 1.2
VS+ – 1.1
A
Common-mode input high
V
TA = –40°C to +125°C, CMRR > 87 dB
VS+ – 1.2
VS+ – 1.1
B
Common-mode rejection ratio
90
116
dB
A
Input impedance common-mode
200 || 1.2
C
k
Ω || pF
Input impedance differential mode
200 || 1
C
OUTPUT
TA = +25°C
VS– + 0.06
VS– +
A
0.2
Single-ended output voltage: low
V
TA = –40°C to +125°C
VS– + 0.06
VS– +
B
0.2
TA = +25°C
VS+ – 0.2
VS+ – 0.11
A
Single-ended output voltage: high
V
TA = –40°C to +125°C
VS+ – 0.2
VS+ – 0.11
B
Output saturation voltage: high/low
110/60
mV
C
TA = +25°C
±15
±22
A
Linear output current drive
mA
TA = –40°C to +125°C
±15
B
(2)
Input offset voltage drift, input bias current drift, and input offset current drift are average values calculated by taking data at the end
points, computing the difference, and dividing by the temperature range.
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): THS4531


Similar Part No. - THS4520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4520 TI-THS4520 Datasheet
1,002Kb / 23P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER WITH RAIL-TO-RAIL OUTPUTS
logo
National Semiconductor ...
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4520 TI1-THS4520 Datasheet
2Mb / 37P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4520 TI1-THS4520 Datasheet
1Mb / 56P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4520 TI1-THS4520 Datasheet
1Mb / 48P
[Old version datasheet]   VERY LOW POWER, NEGATIVE RAIL INPUT, RAIL-TO-RAIL OUTPUT, FULLY DIFFERENTIAL AMPLIFIER
More results

Similar Description - THS4520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4531 TI1-THS4531_14 Datasheet
1Mb / 56P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI-THS4532 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531 NSC-THS4531 Datasheet
1Mb / 55P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4531A TI-THS4531A Datasheet
1Mb / 50P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI1-THS4532_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531A NSC-THS4531A Datasheet
1Mb / 51P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 NSC-THS4532 Datasheet
1Mb / 44P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4532 TI1-THS4532 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531A TI1-THS4531A Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531 TI-THS4531_15 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com