Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA4311A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TCA4311A
Description  HOT SWAPPABLE 2-WIRE BUS BUFFERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA4311A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TCA4311A Datasheet HTML 4Page - Texas Instruments TCA4311A Datasheet HTML 5Page - Texas Instruments TCA4311A Datasheet HTML 6Page - Texas Instruments TCA4311A Datasheet HTML 7Page - Texas Instruments TCA4311A Datasheet HTML 8Page - Texas Instruments TCA4311A Datasheet HTML 9Page - Texas Instruments TCA4311A Datasheet HTML 10Page - Texas Instruments TCA4311A Datasheet HTML 11Page - Texas Instruments TCA4311A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TCA4311A
SCPS226 – JANUARY 2011
www.ti.com
Resistor Pull-Up Value Selection
The system pullup resistors must be strong enough to provide a positive slew rate of 1.25 V/ms on the SDA and
SCL pins, in order to activate the boost pullup currents during rising edges. Choose maximum resistor value R
using the formula:
R
≤ (VCC(MIN) – 0.6) (800,000) / C
where R is the pullup resistor value in ohms, VCC(MIN) is the minimum VCC voltage and C is the equivalent bus
capacitance in picofarads (pF).
In addition, regardless of the bus capacitance, always choose R
≤ 16 kΩ for VCC = 5.5 V maximum, R ≤ 24 kΩ
for VCC = 3.6 V maximum. The start-up circuitry requires logic high voltages on SDAOUT and SCLOUT to
connect the backplane to the card, and these pullup values are needed to overcome the precharge voltage.
Systems With Disparate Supply Voltages
In large 2-wire systems, the VCC voltages seen by devices at various points in the system can differ by a few
hundred millivolts or more. This situation is well modeled by a series resistor in the VCC line, as shown in
Figure 15. For proper operation of the TCA4311A, make sure that VCC(BUS) ≥ VCC(TCA4311A) – 0.5 V.
8
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Link(s): TCA4311A


Similar Part No. - TCA4311A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311 TI-TCA4311 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311D TI-TCA4311D Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311D TI-TCA4311D Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
TCA4311DG4 TI-TCA4311DG4 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
More results

Similar Description - TCA4311A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA4311 TI-TCA4311_1 Datasheet
532Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300A-1 LINER-LTC4300A-1 Datasheet
286Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-2 LINER-LTC4300A-2_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-1 LINER-LTC4300-1 Datasheet
287Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
LTC4300A-1 LINER-LTC4300A-1_15 Datasheet
187Kb / 16P
   Hot Swappable 2-Wire Bus Buffers
logo
Texas Instruments
TCA4311 TI-TCA4311 Datasheet
567Kb / 21P
[Old version datasheet]   HOT SWAPPABLE 2-WIRE BUS BUFFERS
logo
Linear Technology
LTC4300-1 LINER-LTC4300-1_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4300-2 LINER-LTC4300-2_15 Datasheet
742Kb / 18P
   Hot Swappable 2-Wire Bus Buffers
LTC4301 LINER-LTC4301_09 Datasheet
223Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
LTC4301 LINER-LTC4301_15 Datasheet
228Kb / 12P
   Supply Independent Hot Swappable 2-Wire Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com