Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5622ADDVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5622ADDVR
Description  125-W Stereo / 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5622ADDVR Datasheet(HTML) 1 Page - Texas Instruments

  TAS5622ADDVR Datasheet HTML 1Page - Texas Instruments TAS5622ADDVR Datasheet HTML 2Page - Texas Instruments TAS5622ADDVR Datasheet HTML 3Page - Texas Instruments TAS5622ADDVR Datasheet HTML 4Page - Texas Instruments TAS5622ADDVR Datasheet HTML 5Page - Texas Instruments TAS5622ADDVR Datasheet HTML 6Page - Texas Instruments TAS5622ADDVR Datasheet HTML 7Page - Texas Instruments TAS5622ADDVR Datasheet HTML 8Page - Texas Instruments TAS5622ADDVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
PurePath HD
TM
Class G Power Supply
Ref design
TAS5630
18V-32.5V
+12V
PurePath HD
TM
TAS5622A
TASxxxx
Digital Audio
Processor
DIGITAL
AUDIO
INPUT
+3.3V
REG.
105 VAC
240VAC
TAS5622A
www.ti.com
SLAS845 – MAY 2012
125-W Stereo / 250-W Stereo PurePath™ HD Digital-Input Class-D Power Stage
Check for Samples: TAS5622A
1
FEATURES
DESCRIPTION
The TAS5622A is a thermally-enhanced version of
234
PurePath™ HD Integrated Feedback Provides:
the class-D power amplifier based on the TAS5612A
0.025% THD at 1 W into 4
using large MOSFETs for improved power efficiency
>65 dB PSRR (No Input Signal)
and a novel gate drive scheme for reduced losses in
idle and at low output signals leading to reduced heat
>105 dB (A weighted) SNR
sink size.
Pre-Clipping Output for Control of a Class-G
The unique pre clipping output signal can be used to
Power Supply
control a Class-G power supply. This combined with
Reduced Heat Sink Size due to use of 40m
the low idle loss and high power efficiency of the
Output MOSFET with >90% Efficiency at Full
TAS5622A
leads
to
industry
leading
levels
of
Output Power
efficiency ensuring a super “green” system.
Output Power at 10%THD+N
The TAS5622A uses constant voltage gain. The
125 W / 4
Ω BTL Stereo Configuration
internally matched gain resistors ensure a high Power
250 W / 2
Ω PBTL Mono Configuration
Supply Rejection Ratio giving an output voltage only
dependent on the audio input voltage and free from
Output Power at 1%THD+N
any power supply artifacts.
105 W / 4
Ω BTL Stereo Configuration
The high integration of the TAS5622A makes the
210 W / 2
Ω PBTL Mono Configuration
amplifier easy to use; and, using TI’s reference
Click and Pop Free Startup
schematics and PCB layouts leads to fast design in
Error Reporting Self-protected Design with
time. The TAS5622A is available in the space saving
UVP, Over Temperature, and Short Circuit
surface
mount
44-pin
HTSSOP
package.
PowerPAD™ PurePath™ HD
Protection
EMI Compliant when used with Recommended
System Design
44-Pin HTSSOP (DDV) Package for Reduced
Board Size
APPLICATIONS
Blu-ray™/DVD Receivers
High Power Sound Bars
Powered Subwoofer and Active Speakers
Mini Combo Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD, PurePath are trademarks of Texas Instruments.
3
Blu-ray is a trademark of Blu-ray Disk Association (BDA).
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5622ADDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5622ADDVR TI1-TAS5622ADDVR Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
More results

Similar Description - TAS5622ADDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5622A TI1-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   125-W Stereo and 250-W Stereo PurePath HD Digital-Input Class-D Power Stage
TAS5622A TI-TAS5622A_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5622A 125-W Stereo and 250-W Stereo PurePath??HD Digital-Input Class-D Power Stage
TAS5612LA TI1-TAS5612LA Datasheet
962Kb / 31P
[Old version datasheet]   125-W Stereo / 250-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5612LA TI1-TAS5612LA_15 Datasheet
1Mb / 41P
[Old version datasheet]   125-W Stereo and 250-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5612LA TI-TAS5612LA_15 Datasheet
1Mb / 41P
[Old version datasheet]   TAS5612LA 125-W Stereo and 250-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA Datasheet
952Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_14 Datasheet
942Kb / 32P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5624A TI1-TAS5624A Datasheet
963Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5624A TI-TAS5624A_15 Datasheet
1Mb / 32P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com