Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVPE502CP1RGER Datasheet(PDF) 11 Page - Texas Instruments

Part # SN65LVPE502CP1RGER
Description  Dual Channel USB3.0 Redriver/Equalizer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVPE502CP1RGER Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVPE502CP1RGER Datasheet HTML 7Page - Texas Instruments SN65LVPE502CP1RGER Datasheet HTML 8Page - Texas Instruments SN65LVPE502CP1RGER Datasheet HTML 9Page - Texas Instruments SN65LVPE502CP1RGER Datasheet HTML 10Page - Texas Instruments SN65LVPE502CP1RGER Datasheet HTML 11Page - Texas Instruments SN65LVPE502CP1RGER Datasheet HTML 12Page - Texas Instruments SN65LVPE502CP1RGER Datasheet HTML 13Page - Texas Instruments SN65LVPE502CP1RGER Datasheet HTML 14Page - Texas Instruments SN65LVPE502CP1RGER Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
SN65LVPE502CP
www.ti.com
SLLSE79B
– MARCH 2011 – REVISED FEBRUARY 2012
Electrical Idle Support
Electrical idle support is needed for low frequency periodic signaling (LFPS) used in USB 3.0 side band
communication. A link is in an electrical idle state when the TX
± voltage is held at a steady constant value like
the common mode voltage. LVPE502CP detects an electrical idle state when RX
± voltage at the device pin falls
below VRX_LFPS_DIFFp-p min. After detection of an idle state in a given channel the device asserts electrical
idle state in its corresponding TX. When RX
± voltage exceeds VRX_LFPS_DIFFp-p max normal operation is
restored and output start passing input signal. Electrical idle exit and entry time is speccified at
< 6ns.
TYPICAL EYE DIAGRAM AND PERFORMANCE CURVES
Measurement equipment details:
Generator (source) LeCroy PERT3,
Signal: 5Gbps, 1000mVp-p, 3.5 dB De-Emphasis
Tj and Dj measurements based on CP0 (USB 3 compliance pattern) which is D0.0 or logical idle with SKP
sequences removed
Rj measurements based on CP1 or D10.2 symbol containing alternating 0s and 1s at Nyquist frequency
Oscilloscope (Sink) LeCroy 25GHz Real Time Oscilloscope
LeCroy QualiPHY software used to measure jitter and collect compliance eye diagrams
Device Operating Conditions: VCC = 3.3 V, Temp = 25
°C, EQx/DEx/OSx set to their default value when not
mentioned
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN65LVPE502CP


Similar Part No. - SN65LVPE502CP1RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502CP TI-SN65LVPE502CP Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CPRGER TI-SN65LVPE502CPRGER Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CPRGER TI-SN65LVPE502CPRGER Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CPRGET TI-SN65LVPE502CPRGET Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CPRGET TI-SN65LVPE502CPRGET Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
More results

Similar Description - SN65LVPE502CP1RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVPE502 TI1-SN65LVPE502_12 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A_15 Datasheet
4Mb / 33P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502CP TI-SN65LVPE502CP Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502 TI-SN65LVPE502_1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE502A TI1-SN65LVPE502A Datasheet
3Mb / 29P
[Old version datasheet]   Dual Channel USB3.0 Redriver/Equalizer
SN65LVPE501 TI1-SN65LVPE501 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Channel x1 PCIe Redriver/Equalizer
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
[Old version datasheet]   Dual-Channel USB 3.0 Redriver, Equalizer
logo
Pericom Semiconductor C...
PI3EQX501I PERICOM-PI3EQX501I Datasheet
594Kb / 1P
   5.0Gbps, 1-Channel, USB3.0 ReDriver
PI3EQX501B PERICOM-PI3EQX501B Datasheet
1Mb / 7P
   5.0Gbps, 1-channel, USB3.0 ReDriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com